Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19-22-R6GHC-C02-2T Datasheet(PDF) 12 Page - Everlight Electronics Co., Ltd

Part # 19-22-R6GHC-C02-2T
Description  0603 Package Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-22-R6GHC-C02-2T Datasheet(HTML) 12 Page - Everlight Electronics Co., Ltd

Back Button 19-22-R6GHC-C02-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-22/R6GHC-C02/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 12 of 12
Device No. : SZDSE-192-C02
Prepared date: 03-Jan-2005
Prepared by:Zhang huali
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of the
hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com