Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP16N60C2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGP16N60C2
Description  HiPerFAST IGBTs C2-Class High Speed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60C2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGP16N60C2 Datasheet HTML 1Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 2Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 3Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 4Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 5Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXGA16N60C2
IXGP16N60C2
Fig. 1. Output Characteristics @ TJ = 25ºC
0
4
8
12
16
20
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCE - Volts
VGE = 15V
13V
12V
9V
6V
8V
10V
7V
11V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
8V
7V
9V
11V
13V
12V
14V
10V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
4
8
12
16
20
24
0
0.5
1
1.5
2
2.5
3
3.5
VCE - Volts
VGE = 15V
13V
12V
11V
9V
6V
8V
7V
10V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
025
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 12A
I C = 6A
I C = 24A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
7
8
9
10
1112
1314
15
VGE - Volts
I C = 24A
TJ = 25ºC
12A
6A
Fig. 6. Input Admittance
0
5
10
15
20
25
30
35
4
567
89
10
11
VGE - Volts
TJ = - 40ºC
25ºC
125ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com