Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP16N60C2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGP16N60C2
Description  HiPerFAST IGBTs C2-Class High Speed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60C2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGP16N60C2 Datasheet HTML 1Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 2Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 3Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 4Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 5Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXGA16N60C2
IXGP16N60C2
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
20
30
40
50
60
70
80
90
100
RG - Ohms
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
90
95
100
105
110
115
120
125
130
20
30
40
50
60
70
80
90
100
RG - Ohms
40
80
120
160
200
240
280
320
360
t f i
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
12
13
14
15
16
17
18
19
20
21
22
23
24
IC - Amperes
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Eoff
Eon - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Eoff
Eon - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
0
20
40
60
80
100
120
140
160
180
12
13
14
15
16
17
18
19
20
21
22
23
24
IC - Amperes
50
60
70
80
90
100
110
120
130
140
t f i
td(off) - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
160
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
50
60
70
80
90
100
110
120
130
t f i
td(on) - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
I C = 24A, 12A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com