Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP16N60C2 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGP16N60C2
Description  HiPerFAST IGBTs C2-Class High Speed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60C2 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGP16N60C2 Datasheet HTML 1Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 2Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 3Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 4Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 5Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA16N60C2
IXGP16N60C2
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
10
15
20
25
30
35
40
45
50
12
13
14
15
16
17
18
19
20
21
22
23
24
IC - Amperes
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
t r i
td(on) - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
TJ = 25ºC, 125ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
10
15
20
25
30
35
40
45
50
55
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
t r i
td(on) - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
I C = 24A
I C = 12A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
10
20
30
40
50
60
70
80
90
20
30
40
50
60
70
80
90
100
RG - Ohms
10
15
20
25
30
35
40
45
50
55
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
IXYS REF: IXG_16N60C3D1(3D)7-29-10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com