Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP50N60C4 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP50N60C4
Description  High-Gain IGBTs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP50N60C4 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP50N60C4 Datasheet HTML 1Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 2Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 3Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 4Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 5Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXGA50N60C4
IXGP50N60C4
IXGH50N60C4
V
CES
= 600V
I
C110
= 36A
V
CE(sat)
≤≤≤≤≤ 2.50V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
600
V
V
CGR
T
J
= 25°C to 150°C, R
GE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
90
A
I
C110
T
C = 110°C
36
A
I
CM
T
C = 25°C, 1ms
220
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 10Ω
I
CM = 72
A
(RBSOA)
Clamped Inductive Load
V
CE ≤ VCES
P
C
T
C = 25°C
290
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb.
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
DS100298B(04/11)
G = Gate
D
= Collector
S = Emitter
Tab = Collector
TO-247 (IXGH)
G
E
C
C (Tab)
TO-263 AA (IXGA)
G
E
C (Tab)
G
C E
TO-220AB (IXGP)
C (Tab)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
4.0
6.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 125°C
1 mA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
= 36A, V
GE = 15V, Note 1
1.95
2.50
V
T
J = 125°C
1.65
V
High-Gain IGBTs
High-Speed PT Trench IGBT
Features
Optimized for Low Switching Losses
International Standard Packages
Square RBSOA
Advantages
Easy to Mount
Space Savings
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Lamp Ballasts


Similar Part No. - IXGP50N60C4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP50N60B4 IXYS-IXGP50N60B4 Datasheet
227Kb / 6P
High-Gain IGBTs
More results

Similar Description - IXGP50N60C4

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SG7N06P SIRECTIFIER-SG7N06P Datasheet
172Kb / 2P
Discrete IGBTs
logo
IXYS Corporation
IXGA50N60B4 IXYS-IXGA50N60B4 Datasheet
227Kb / 6P
High-Gain IGBTs
IXGH6N170A IXYS-IXGH6N170A_09 Datasheet
196Kb / 5P
High Voltage IGBTs
IXGH24N170A IXYS-IXGH24N170A Datasheet
230Kb / 4P
High Voltage IGBTs
IXGH24N170AH1 IXYS-IXGH24N170AH1 Datasheet
231Kb / 4P
High Voltage IGBTs w/Diode
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
C2-Class High Speed IGBTs
IXGH40N120B2D1 IXYS-IXGH40N120B2D1 Datasheet
220Kb / 7P
High Voltage IGBTs w/Diode
IXGH24N60C4 IXYS-IXGH24N60C4 Datasheet
136Kb / 2P
High-Gain IGBTs
IXGT4N250C IXYS-IXGT4N250C Datasheet
163Kb / 4P
High Voltage IGBTs
IXGQ50N60C4D1 IXYS-IXGQ50N60C4D1 Datasheet
203Kb / 7P
High-Speed PT Trench IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com