Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP50N60C4 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGP50N60C4
Description  High-Gain IGBTs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP50N60C4 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGP50N60C4 Datasheet HTML 1Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 2Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 3Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 4Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 5Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXGA50N60C4 IXGP50N60C4
IXGH50N60C4
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
80
90
100
00.5
11.522.5
3
VCE - Volts
VGE = 15V
13V
11V
10V
9V
7V
8V
6V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
9V
10V
12V
14V
13V
8V
11V
7V
6V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
VCE - Volts
VGE = 15V
13V
12V
11V
10V
8V
9V
7V
6V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 36A
I C = 18A
I C = 72A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 72A
TJ = 25ºC
36A
18A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
VGE - Volts
TJ = - 40ºC
25ºC
125ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com