Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP50N60C4 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP50N60C4
Description  High-Gain IGBTs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP50N60C4 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP50N60C4 Datasheet HTML 1Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 2Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 3Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 4Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 5Page - IXYS Corporation IXGP50N60C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA50N60C4 IXGP50N60C4
IXGH50N60C4
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-247 Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitter
TO-263 Outline
Pins: 1 - Gate
2 - Drain
TO-220 Outline
1 = Gate
2 = Collector
3 = Emitter
4 = Collector
1 = Gate
2 = Collector
3 = Emitter
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = I
C110, VCE = 10V, Note 1
20
30
S
C
ies
1900
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
100
pF
C
res
60
pF
Q
g
113
nC
Q
ge
I
C = I
C110, VGE = 15V, VCE = 0.5 • VCES
13
nC
Q
gc
44
nC
t
d(on)
40
ns
t
ri
66
ns
E
on
0.95
mJ
t
d(off)
270
ns
t
fi
63
ns
E
off
0.84
1.55
mJ
t
d(on)
30
ns
t
ri
45
ns
E
on
1.10
mJ
t
d(off)
210
ns
t
fi
96
ns
E
off
0.90
mJ
R
thJC
0.43 °C/W
R
thCS
TO-247
0.21
°C/W
TO-220
0.50
°C/W
Inductive Load, T
J = 125°C
I
C = 36A, VGE = 15V
V
CE = 400V, RG = 10Ω
Note 2
Inductive Load, T
J = 25°C
I
C = 36A, VGE = 15V
V
CE = 400V, RG = 10Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com