Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1A-FKB Datasheet(PDF) 2 Page - Cree, Inc

Part # CLV1A-FKB
Description  PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1A-FKB Datasheet(HTML) 2 Page - Cree, Inc

  CLV1A-FKB Datasheet HTML 1Page - Cree, Inc CLV1A-FKB Datasheet HTML 2Page - Cree, Inc CLV1A-FKB Datasheet HTML 3Page - Cree, Inc CLV1A-FKB Datasheet HTML 4Page - Cree, Inc CLV1A-FKB Datasheet HTML 5Page - Cree, Inc CLV1A-FKB Datasheet HTML 6Page - Cree, Inc CLV1A-FKB Datasheet HTML 7Page - Cree, Inc CLV1A-FKB Datasheet HTML 8Page - Cree, Inc CLV1A-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT874.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
R
G
B
Forward Current Note 1
I
F
50
25
25
mA
Peak Forward Current Note 2
I
FP
200
100
100
mA
Reverse Voltage
V
R
5
5
5
V
Power Dissipation
P
D
130
100
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
110
110
°C
Junction/ambient 1 chip on
R
THJA
450
400
450
°C/W
Junction/ambient 3 chips on
R
THJA
650
580
680
°C/W
Junction/solder point 1 chip on
R
THJS
300
280
300
°C/W
Junction/solder point 3 chips on
R
THJS
450
430
480
°C/W
Note:
1.
Single-color light.
2.
Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
R
G
B
Wavelength at peak emission
I
F = 20 mA
λ
PEAK
630
527
470
nm
Dominant Wavelength
I
F = 20 mA
λ
DOM
619~624
520~540
460~480
nm
Spectral bandwidth at 50% I
REL max
I
F = 20 mA
Δ λ
24
38
28
nm
Viewing Angle at 50% I
V
I
F = 20 mA
2θ½
120
120
120
deg
Forward Voltage
I
F = 20 mA
V
F(avg)
2.0
3.2
3.2
V
V
F(max)
2.6
4.0
4.0
V
Luminous Intensity
I
F = 20 mA
I
V(min)
355
560
180
mcd
I
V(avg)
550
850
320
mcd
Reverse Current (max)
V
R = 5 V
I
R
10
10
10
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com