Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1A-FKB Datasheet(PDF) 4 Page - Cree, Inc

Part # CLV1A-FKB
Description  PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1A-FKB Datasheet(HTML) 4 Page - Cree, Inc

  CLV1A-FKB Datasheet HTML 1Page - Cree, Inc CLV1A-FKB Datasheet HTML 2Page - Cree, Inc CLV1A-FKB Datasheet HTML 3Page - Cree, Inc CLV1A-FKB Datasheet HTML 4Page - Cree, Inc CLV1A-FKB Datasheet HTML 5Page - Cree, Inc CLV1A-FKB Datasheet HTML 6Page - Cree, Inc CLV1A-FKB Datasheet HTML 7Page - Cree, Inc CLV1A-FKB Datasheet HTML 8Page - Cree, Inc CLV1A-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CLD-CT874.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLV1A-FKB-CHMKPEHBB7a363
Red
355
900
RB
619
RB
624
Reel
Green
560
1400
G7
520
Ga
540
Reel
Blue
180
450
B3
460
B6
480
Reel
CLV1A-FKB-CHMKPEHBB7a463
Red
355
900
RB
619
RB
624
Reel
Green
560
1400
G7
520
Ga
540
Reel
Blue
180
450
B4
465
B6
480
Reel
CLV1A-FKB-CH1K1E1BB7R3S3
Red
Any 1 Intensity bin from H(355) - K(710)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from K(560) - N(1120)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from E(180) - G(355)
Any 1 hue bin from B3(460) - B5(475)
Reel
CLV1A-FKB-CH1K1E1BB7R4S3
Red
Any 1 Intensity bin from H(355) - K(710)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from K(560) - N(1120)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from E(180) - G(355)
Any 1 hue bin from B4(465) - B6(480)
Reel
CLV1A-FKB-CJ1M1F1BB7R3S3
Red
Any 1 Intensity bin from J(450) - M(900)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from M(710) - P(1400)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from F(224) - H(450)
Any 1 hue bin from B3(460) - B5(475)
Reel
CLV1A-FKB-CJ1M1F1BB7R4S3
Red
Any 1 Intensity bin from J(450) - M(900)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from M(710) - P(1400)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from F(224) - H(450)
Any 1 hue bin from B4(465) - B6(480)
Reel
CLV1A-FKB-CK1N1G1BB7R4S3
Red
Any 1 Intensity bin from K(560) - M(900)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from N(900) - P(1400)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from G(280) - H(450)
Any 1 hue bin from B4(465) - B6(480)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
code will be orderable in certain quantities. For example, any 1 intensity bin from H - K means only 1 intensity bin
(H or J or K) will be shipped by Cree. For example, any 1 color bin from G7 - Ga means only 1 color bin (G7 or G8
or G9 or Ga) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com