Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1A-FKB Datasheet(PDF) 1 Page - Cree, Inc

Part # CLV1A-FKB
Description  PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1A-FKB Datasheet(HTML) 1 Page - Cree, Inc

  CLV1A-FKB Datasheet HTML 1Page - Cree, Inc CLV1A-FKB Datasheet HTML 2Page - Cree, Inc CLV1A-FKB Datasheet HTML 3Page - Cree, Inc CLV1A-FKB Datasheet HTML 4Page - Cree, Inc CLV1A-FKB Datasheet HTML 5Page - Cree, Inc CLV1A-FKB Datasheet HTML 6Page - Cree, Inc CLV1A-FKB Datasheet HTML 7Page - Cree, Inc CLV1A-FKB Datasheet HTML 8Page - Cree, Inc CLV1A-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 3.2 x 2.8
• Dominant Wavelength (nm):
Red (619-624)
Green (520-540)
Blue (460-480)
• Luminous Intensity (mcd)
Red (355-900)
Green (560-1400)
Blue (180-450)
• Lead-Free
• Viewing Angle: 120 degree
• RoHS Compliant
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement
Cree® PLCC4 3 in 1 SMD LED
CLV1A-FKB
Data Sheet
Cree PLCC full-color LEDs offer high-intensity light output and a wide
viewing angle in an industry-standard package. Designed to work in a wide
array of environmental conditions, Cree PLCC full-color LEDs are suited for
indoor video screen, decorative lighting and amusement applications.


Similar Part No. - CLV1A-FKB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree LED
CLV1A-FKB CREELED-CLV1A-FKB Datasheet
715Kb / 10P
CLV1A-FKB: PLCC4 3 in 1 SMD LED
REV 13
logo
Marktech Corporate
CLV1A-FKB-CH1K1E1BB7R3S3 MARKTECH-CLV1A-FKB-CH1K1E1BB7R3S3 Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
CLV1A-FKB-CH1K1E1BB7R4S3 MARKTECH-CLV1A-FKB-CH1K1E1BB7R4S3 Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
CLV1A-FKB-CHMKPEHBB7a363 MARKTECH-CLV1A-FKB-CHMKPEHBB7a363 Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
More results

Similar Description - CLV1A-FKB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com