Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 10Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 11Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 12Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
R03DS0031EJ0300 Rev.3.00
Page 9 of 12
Mar 11, 2011
Electrical Characteristics (cont.)
(Ta = 25°C, Vcc = 12 V, RT = 180 k
, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
PHASE MODULATOR: R2A20124AFP/ASP
RAMP offset voltage
VRAMP
1.035
1.135
1.235
V
RAMP source current
Isource-RAMP
–220
–185
–150
A
RAMP = 0.15 V, COMP; open
RAMP sink current
ISINK-RAMP
3
10
—
mA
RAMP = 0.15 V, COMP = 0 V
Minimum phase shift
Dmin
—
0*
1*4
—
%
RAMP = 0 V, COMP = 0 V
Maximum phase shift
Dmax
—
97.0*
1*4
—
%
RAMP = 0 V, COMP = 2.1 V
Delay to OUT-C, -D *
2
Tpd
—
100
200
ns
COMP = 1.6 V
RAMP discharge time *
1
Tdis
—
80
120
ns
FB(–) = 0.75 V, COMP; open
RAMP-SLP voltage
VRAMP-SLP
2.1
2.3
2.5
V
DELAY: R2A20124AFP/ASP
DELAY-1, -2 *
3
TD1, 2
70
100
130
ns
Delay set R = 51 k
DELAY-3 *
3
TD3
45
65
85
ns
Delay set R = 51 k
DELAY2-1, -2 *
1*3
TD2_1, _2
140
220
300
ns
Delay set R = 180 k
DELAY2-3 *
1*3
TD2_3
110
170
230
ns
Delay set R = 180 k
Terminal voltage
VD1, 2, 3
1.9
2.0
2.1
V
Delay set R = 51 k
SOFT START: R2A20124AFP/ASP
Source current
ISS
–14
–10
–6
A
SS = 1 V
SS high voltage
VOH-SS
3.9
4.0
4.1
V
Notes: 1. Design specification (reference data)
2. Tpd is defined as;
RAMP
OUT-C/D
Tpd
0 V
1 V
50%
50%
VCC
0 V
3. TD1, TD2, and TD3 are defined as;
OUT-A
OUT-B
OUT-C
OUT-D
OUT-E
OUT-F
TD1
TD1
TD2
TD2
TD3
TD3
50%
For primary
control
For secondary
control
4. Maximum/Minimum phase shift is defined as;
T1
T1
T2
OUT-A
OUT-D
T2
OUT-B
OUT-C
D =
× 2 × 100 (%)
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com