Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 10Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 11Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 12Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
R03DS0031EJ0300 Rev.3.00
Page 10 of 12
Mar 11, 2011
Electrical Characteristics (cont.)
(Ta = 25°C, Vcc = 12 V, RT = 180 k
, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
OVER CURRENT PROTECTION: R2A20124AFP/ASP
Pulse-by-pulse current limit
threshold
VCS-PP
1.26
1.4
1.54
V
SEC-CONT = 0.3 V (AFP)
Delay to OUT pins *
1
Tpd-cs
—
100
200
ns
CS = 0 V to 1.57 V,
SEC-CONT = 0.3 V (AFP)
CS sink current
ISINK-CS
2
5
—
mA
CS = 0.15 V, COMP = 0 V
OUTPUT: R2A20124AFP/ASP
High voltage
VOH-OUT
11.5
11.9
—
V
IOUT = –2 mA
Low voltage
VOL-OUT
—
0.05
0.2
V
IOUT = 2 mA
Rise time
tr
—
30
100
ns
COUT = 100 pF
Fall time
tf
—
30
100
ns
COUT = 100 pF
Timing offset *
2
TD4
—
20
140
ns
POWER INFORMATION AMPLIFIER: R2A20124AFP
Tranceconductance
gm
15
20
25
s
CS = 0.4 V
SECONDARY CONTROL: R2A20124AFP
Forced synchronous rectification
on voltage
Von-sec-cont
4.6
—
—
V
CS = 1 V
Forced synchronous rectification
off voltage
Voff-sec-cont
—
—
0.4
V
CS = 0 V
Input bias current-1
ISEC-CONT1
5
10
20
A
CS = 0 V, SEC-CONT = 2.1 V
Input bias current-2
ISEC-CONT2
10
20
40
A
CS = 1 V, SEC-CONT = 2.1 V
Current hysteresis
dISEC-CONT
5
10
20
A
Notes: 1. Tpd-cs is defined as;
Tpd-cs
CS
OUT-C/D
0
1.57 V
50%
50%
2. TD4 is defined as;
OUT-D
OUT-E
TD4
50%
50%
OUT-C
OUT-F
TD4
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com