Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A20124AFP Datasheet HTML 1Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 2Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 3Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 4Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
R03DS0031EJ0300 Rev.3.00
Page 1 of 12
Mar 11, 2011
Preliminary Datasheet
R2A20124AFP/R2A20124ASP
Synchronous Phase Shift Full-Bridge Control IC Series
Description
The R2A20124AFP/R2A20124ASP controls a full-bridge phase shift circuit and secondary synchronous rectification.
The R2A20124AFP/R2A20124ASP has adjustable delay time functions which make ZVS of primary side and make
loss of body diode of primary switching device minimal.
The R2A20124AFP/R2A20124ASP is based on HA16163/R2A20121. And RAMP slope compensation circuit is built-
in as an additional function. Also its output driver circuits are improved to enlarge gate drive output voltage swing from
VREF to VCC.
In addition R2A20124AFP has ON/OFF function of synchronous rectification and includes amplifier which detect input
current signal.
Features
 Maximum ratings
 Supply voltage Vcc: 20 V
 Operating junction temperature Tj-opr: –40 to +125°C
 Electrical characteristics
 VFB feedback voltage VFB(–): 1.25 V  2.0%
 UVLO (Under Voltage Lockout) operation start voltage VH: 8.4 V  0.7 V
 UVLO operation shutdown voltage VL: 8.0 V  0.6 V
 UVLO hysteresis voltage dVUVL: 0.4 V  0.1 V
 Output voltage swing of OUT-A, B, C, D, and E for gate drive: GND to VCC
 Functions
R2A20124AFP/R2A20124ASP
 Full-bridge phase-shift switching circuit with adjustable delay times
 Pulse by pulse current limit
 Synchronization I/O for the oscillator
 Ramp sloping adjustor
 Error amplifier built-in
 Soft start function
R2A20124AFP
 Synchronous rectification on/off control
 Remote on/off control
 Amplified output of current sense input voltage: CS
 Package lineup
 Pb-free LQFP-40: R2A20124AFP
 Pb-free SOP-20: R2A20124ASP
Ordering Information
Part No.
Package Name
Package Code
Taping Spec.
R2A20124AFP-W0
2000 pcs./one taping product
R2A20124AFP-W5
2000 pcs./one taping product
R2A20124AFP-U0
—
R2A20124AFP-U5
FP-40EV
PLQP0040JB-C
—
R2A20124ASP-W0
2000 pcs./one taping product
R2A20124ASP-W5
2000 pcs./one taping product
R2A20124ASP-U0
—
R2A20124ASP-U5
FP-20DAV
PRSP0020DD-B
—
R03DS0031EJ0300
Rev.3.00
Mar 11, 2011


Similar Part No. - R2A20124AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20124AFP RENESAS-R2A20124AFP Datasheet
150Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-U0 RENESAS-R2A20124AFP-U0 Datasheet
150Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-U5 RENESAS-R2A20124AFP-U5 Datasheet
150Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-W0 RENESAS-R2A20124AFP-W0 Datasheet
150Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-W5 RENESAS-R2A20124AFP-W5 Datasheet
150Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
More results

Similar Description - R2A20124AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
Synchronous Phase Shift Full-Bridge Control IC
logo
Texas Instruments
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Renesas Technology Corp
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_08 Datasheet
329Kb / 30P
Synchronous Phase Shift Full-Bridge Control IC
logo
NXP Semiconductors
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1 Datasheet
308Kb / 24P
Synchronous Phase Modulated Full-Bridge Controller
logo
Renesas Technology Corp
R2A20124AFP RENESAS-R2A20124AFP Datasheet
150Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
Synchronous Phase Shift Full-Bridge Control IC
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
Synchronous Phase Modulated Full-Bridge Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com