Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4173FESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4173FESA
Description  Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4173FESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4173FESA Datasheet HTML 1Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Cost, SOT23, Voltage-Output,
High-Side Current-Sense Amplifier
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by Total Output Voltage Error Test.
Note 3: Total OUT Voltage Error is the sum of gain and offset voltage errors.
Note 4: +6.25mV = 1/16 of +100mV full-scale voltage.
Note 5: VSENSE such that output stage is in saturation.
Note 6: VOS is extrapolated from the Gain Accuracy tests.
Note 7: The device does not experience phase reversal when overdriven.
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = 0 to +28V, VCC = +3V to +28V, VSENSE = 0V, TA = TMIN to TMAX, RLOAD =
∞ unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4173T,
VSENSE = +100mV
1.7
MAX4173F,
VSENSE = +100mV
1.4
MAX4173H,
VSENSE = +100mV
1.2
Bandwidth
BW
VRS+ = +12V,
VCC = +12V,
CLOAD = 5pF
VSENSE = +6.25mV
(Note 4)
0.6
MHz
MAX4173T
20
MAX4173F
50
Gain
AV
MAX4173H
100
V/V
TA = +25°C
0.5
±2.5
∆AV
MAX4173T/F VSENSE =
+10mV to +150mV,
VCC = VRS+ = 12V
TA = -40°C to +85°C
4.0
TA = +25°C
0.5
±2.5
Gain Accuracy
∆AV
MAX4173H VSENSE =
+10mV to +100mV,
VCC = VRS+ = 12V
TA = -40°C to +85°C
4.0
%
TA = +25°C
0.3
±3
Input Offset Voltage
(Note 6)
VOS
MAX4173TEUT,
VRS+ = 12V
TA = -40°C to +85°C
±5
mV
VSENSE = +6.25mV
to +100mV
400
OUT Settling Time to 1% of
Final Value
VCC = +12V, VRS+ = 12V,
CLOAD = 5pF
VSENSE = +100mV
to +6.25mV
800
ns
OUT Output Resistance
ROUT
12
k
Ω
MAX4173T, VSENSE = 80mV, VRS+
≥ +2V
60
84
MAX4173F, VSENSE = 32mV, VRS+
≥ +2V
60
91
Power-Supply Rejection
PSR
MAX4173H, VSENSE = 16mV, VRS+
≥ +2V
60
95
dB
Power-Up Time to 1% of
Final Value
VSENSE = +100mV, CLOAD = 5pF
10
µs
Saturation Recovery Time
VCC = +12V, VRS+ = 12V (Note 7)
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com