Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4173FESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4173FESA
Description  Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4173FESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4173FESA Datasheet HTML 1Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Cost, SOT23, Voltage-Output,
High-Side Current-Sense Amplifier
4
_______________________________________________________________________________________
370
390
380
410
400
430
420
440
010
15
5
202530
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4173T
MAX4173F
MAX4173H
200
300
250
450
400
350
550
500
150
-50
-5
10
-35 -20
2540557085
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX4173T
MAX4173F
MAX4173H
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
0
1.0
1.5
0.5
2.0
2.5
28
SUPPLY CURRENT vs. RS+ VOLTAGE
VRS+ (V)
MAX4173T
MAX4173H
MAX4173F
-0.60
-0.45
-0.30
-0.15
0
0.15
0.30
0.45
0.60
010
5
15202530
TOTAL OUTPUT ERROR vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4173F
VSENSE = 100mV
MAX4173T
MAX4173H
0
-100
100
1k
10k
100k
1M
10M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
-6
-2
-4
2
0
4
6
010
15
5
202530
TOTAL OUTPUT ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4173F
VSENSE = 6.25mV
MAX4173H
MAX4173T
-2
0
-1
2
1
3
4
0
100
50
150
200
TOTAL OUTPUT ERROR vs.
FULL-SCALE SENSE VOLTAGE
VSENSE (mV)
MAX4173F
VCC = 28V
MAX4173H
MAX4173T
-10
-8
-6
-4
-2
0
2
4
6
010
5
15202530
TOTAL OUTPUT ERROR vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
MAX4173F
MAX4173T
MAX4173H
Typical Operating Characteristics
(VCC = +12V, VRS+ = +12V, VSENSE = +100mV, TA = +25°C, unless otherwise noted.)
-1.2
-0.4
-0.8
0
0.4
0.8
1.2
-50
-20
-5
10
-35
2540557085
GAIN ACCURACY vs. TEMPERATURE
TEMPERATURE (°C)
MAX4173F
MAX4173H
MAX4173T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com