Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4173FESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4173FESA
Description  Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4173FESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4173FESA Datasheet HTML 1Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low-Cost, SOT23, Voltage-Output,
High-Side Current-Sense Amplifier
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +12V, VRS+ = +12V, VSENSE = +100mV, TA = +25°C, unless otherwise noted.)
-2.0
-1.0
-1.5
0.5
0
-0.5
1.5
1.0
2.0
-50
-5
10
-35 -20
25
40
55
70
85
TOTAL OUTPUT ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
MAX4173H
MAX4173T
MAX4173F
2
µs/div
MAX4173T
LARGE-SIGNAL TRANSIENT RESPONSE
(VSENSE = 6mV to 100mV)
IN
(45mV/div)
OUT
(500mV/div)
6mV
100mV
2V
0.120V
CL = 5pF
2
µs/div
MAX4173F
LARGE-SIGNAL TRANSIENT RESPONSE
(VSENSE = 6mV to 100mV)
IN
(45mV/div)
OUT
(2V/div)
6mV
100mV
5V
0.3V
CL = 5pF
2
µs/div
MAX4173H
LARGE-SIGNAL TRANSIENT RESPONSE
(VSENSE = 6mV to 100mV)
IN
(45mV/div)
OUT
(3V/div)
6mV
100mV
10V
0.6V
CL = 5pF
2
µs/div
MAX4173T
SMALL-SIGNAL TRANSIENT RESPONSE
(VSENSE = 95mV TO 100mV)
IN
(5mV/div)
OUT
(50mV/div)
95mV
100mV
2.0V
1.9V
CL = 5pF
2
µs/div
MAX4173F
SMALL-SIGNAL TRANSIENT RESPONSE
(VSENSE = 95mV TO 100mV)
IN
(5mV/div)
OUT
(100mV/div)
95mV
100mV
5V
4.75V
CL = 5pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com