Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15053_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 10Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 11Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 12Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
10 _____________________________________________________________________________________
BIAS
GENERATOR
EN LOGIC, IN UVLO
THERMAL SHDN
SKIP-MODE
LOGIC
CONTROL
LOGIC
SKPM
0.58V
CK
GND
PGOOD
EN
SS/REFIN
FB
RAMP
CK
COMP
SKIP
LX
IN
SHDN
VOLTAGE
REFERENCE
OSCILLATOR
RAMP GEN
SKPM
LX
SKPM
LX
IN
IN
IN
SINK
SOURCE
ZX
LOW-SIDE SOURCE-SINK
CURRENT LIMIT AND ZERO-
CROSSING COMPARATOR
0.6V
HIGH-SIDE
CURRENT LIMIT
STRONG PREBIASED
FORCED START
SS/REFIN BUFFER
ERROR AMPLIFIER
10µA
PWM
COMPARATOR
POWER-GOOD
COMPARATOR
CURRENT-SENSE
AMPLIFIER
0.555V RISING,
0.527V FALLING
MAX15053
C
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com