Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15053_11 Datasheet HTML 2Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 3Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.)
FB VOLTAGE vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
80
60
40
20
0
-20
596
598
600
602
604
606
594
-40
NO LOAD
RMS INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
10
20
30
40
50
60
70
80
90
100
0
2.7
SHORT CIRCUIT ON OUTPUT
SHORT-CIRCUIT HICCUP MODE
MAX15053 toc15
IIN
500mA/div
VOUT
1V/div
IOUT
5A/div
200
µs/div
QUIESCENT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
10
20
30
40
50
60
70
80
90
100
0
2.7
VEN = 0V
SOFT-START WAVEFORMS (SKIP MODE)
(IOUT = 2A)
MAX15053 toc13b
VOUT
1V/div
VENABLE
5V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div
SOFT-START WAVEFORMS (PWM)
(IOUT = 2A)
MAX15053 toc13a
VOUT
1V/div
VENABLE
5V/div
VPGOOD
5V/div
ILX
1A/div
200
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com