Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15053_11 Datasheet HTML 1Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 2Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 3Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 5V, TA = -40NC to +85NC, unless otherwise noted, typical values are at TA = +25NC.) (Note 4)
Note 4: Specifications are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design and characterization.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Side Switch Source Current-
Limit Threshold
4
A
LX Leakage Current
VEN = 0V
10
F
A
RMS LX Output Current
2
A
OSCILLATOR
Switching Frequency
fSW
850
1000
1150
kHz
Maximum Duty Cycle
DMAX
94
95.8
%
Minimum Controllable On-Time
70
ns
Slope Compensation Ramp
Valley
1.15
V
Slope Compensation Ramp
Amplitude
VSLOPE
Extrapolated to 100% duty cycle
320
mV
ENABLE
EN Input High Threshold Voltage
VEN rising
1.45
V
EN Input Low Threshold Voltage
VEN falling
0.4
V
EN Input Leakage Current
VEN = 5V
0.025
F
A
SKIP Input Leakage Current
VSKIP = VEN = 5V
25
F
A
SOFT-START, PREBIAS, REFIN
Soft-Start Current
ISS
VSS/REFIN = 0.45V, sourcing
10
F
A
SS/REFIN Discharge Resistance
RSS
ISS/REFIN = 10mA, sinking
8.3
I
SS/REFIN Prebias Mode Stop
Voltage
VSS/REFIN rising
0.58
V
External Reference Input Range
0
VIN -
1.8
V
HICCUP
Number of Consecutive Current-
Limit Events to Hiccup
8
Events
Timeout
1024
Clock
Cycles
POWER-GOOD OUTPUT
PGOOD Threshold
VFB rising
0.535
0.555
0.575
V
PGOOD Threshold Hysteresis
VFB falling
28
mV
PGOOD VOL
IPGOOD = 5mA, VFB = 0.5V
20
60
mV
PGOOD Leakage
VPGOOD = 5V, VFB = 0.65V
0.013
F
A
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
N
C
Thermal Shutdown Hysteresis
Temperature falling
20
N
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com