Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16909 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16909 Datasheet HTML 10Page - Maxim Integrated Products MAX16909 Datasheet HTML 11Page - Maxim Integrated Products MAX16909 Datasheet HTML 12Page - Maxim Integrated Products MAX16909 Datasheet HTML 13Page - Maxim Integrated Products MAX16909 Datasheet HTML 14Page - Maxim Integrated Products MAX16909 Datasheet HTML 15Page - Maxim Integrated Products MAX16909 Datasheet HTML 16Page - Maxim Integrated Products MAX16909 Datasheet HTML 17Page - Maxim Integrated Products MAX16909 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
���������������������������������������������������������������� Maxim Integrated Products 14
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
When using low-capacity filter capacitors, such as
ceramic capacitors, size is usually determined by the
capacity needed to prevent voltage droop and volt-
age rise from causing problems during load transients.
Generally, once enough capacitance is added to meet
the overshoot requirement, undershoot at the rising load
edge is no longer a problem. However, low-capacity filter
capacitors typically have high-ESR zeros that can affect
the overall stability.
Rectifier Selection
The device requires an external Schottky diode recti-
fier as a freewheeling diode. Connect this rectifier close
to the device using short leads and short PCB traces.
Choose a rectifier with a voltage rating greater than the
maximum expected input voltage, VSUPSW. Use a low
forward-voltage-drop Schottky rectifier to limit the nega-
tive voltage at LX. Avoid higher than necessary reverse-
voltage Schottky rectifiers that have higher forward-
voltage drops.
Compensation Network
The device uses an internal transconductance error
amplifier with its inverting input and its output available
to the user for external frequency compensation. The
output capacitor and compensation network determine
the loop stability. The inductor and the output capaci-
tor are chosen based on performance, size, and cost.
Additionally, the compensation network optimizes the
control-loop stability.
The controller uses a current-mode control scheme that
regulates the output voltage by forcing the required current
through the external inductor. The device uses the volt-
age drop across the high-side MOSFET to sense inductor
current. Current-mode control eliminates the double pole
in the feedback loop caused by the inductor and output
capacitor, resulting in a smaller phase shift and requiring
less elaborate error-amplifier compensation than voltage-
mode control. Only a simple single-series resistor (RC)
and capacitor (CC) are required to have a stable, high-
bandwidth loop in applications where ceramic capacitors
are used for output filtering (Figure 3). For other types of
capacitors, due to the higher capacitance and ESR, the
frequency of the zero created by the capacitance and
ESR is lower than the desired closed-loop crossover fre-
quency. To stabilize a nonceramic output capacitor loop,
add another compensation capacitor (CF) from COMP to
GND to cancel this ESR zero.
The basic regulator loop is modeled as a power modula-
tor, output feedback divider, and an error amplifier. The
power modulator has a DC gain set by gmc x RLOAD,
with a pole and zero pair set by RLOAD, the output
capacitor (COUT), and its ESR. The following equations
allow to approximate the value for the gain of the power
modulator (GAINMOD(DC)), neglecting the effect of the
ramp stabilization. Ramp stabilization is necessary when
the duty cycle is above 50% and is internally done for
the device.
LOAD
SW
MOD(DC)
mc
LOAD
SW
R
f
L
GAIN
g
R
(f
L)
×
×
=
×
+
×
where RLOAD = VOUT/ILOUT(MAX) in I, fSW is the switch-
ing frequency in MHz, L is the output inductance in H,
and gmc = 3S.
In a current-mode step-down converter, the output
capacitor, its ESR, and the load resistance introduce a
pole at the following frequency:
pMOD
LOAD
SW
OUT
LOAD
SW
1
f
R
f
L
2
C
ESR
R
(f
L)
=
×
×
π ×
×
+
+
×
The output capacitor and its ESR also introduce a zero at:
zMOD
OUT
1
f
2
ESR C
=
π ×
×
When COUT is composed of “n” identical capacitors
in parallel, the resulting COUT = n x COUT(EACH) and
ESR = ESR(EACH)/n. Note that the capacitor zero for a
parallel combination of alike capacitors is the same as
for an individual capacitor.
Figure 3. Compensation Network
R2
R1
VREF
VOUT
RC
CC
CF
COMP
gm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com