Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16909 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16909 Datasheet HTML 1Page - Maxim Integrated Products MAX16909 Datasheet HTML 2Page - Maxim Integrated Products MAX16909 Datasheet HTML 3Page - Maxim Integrated Products MAX16909 Datasheet HTML 4Page - Maxim Integrated Products MAX16909 Datasheet HTML 5Page - Maxim Integrated Products MAX16909 Datasheet HTML 6Page - Maxim Integrated Products MAX16909 Datasheet HTML 7Page - Maxim Integrated Products MAX16909 Datasheet HTML 8Page - Maxim Integrated Products MAX16909 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
ELECTRICAL CHARACTERISTICS* (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, RFOSC = 120kI, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at
TA = +25NC.)
Note 2: Guaranteed by design; not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE INPUT (EN)
Enable Input-High Threshold
VEN_HI
2
V
Enable Input-Low Threshold
VEN_LO
0.9
V
Enable Threshold Voltage
Hysteresis
VEN,HYS
0.2
V
Enable Input Current
IEN
TA = +25°C
1
F
A
RESET
Output Overvoltage Trip
Threshold
VOUT_OV
105
110
115
%VFB
PGOOD Switching Level
VTH_RISING
VFB rising, VPGOOD = high
93
95
97
%VFB
VTH_FALLING VFB falling, VPGOOD = low
90
92.5
95
PGOOD Debounce
10
35
60
F
s
PGOOD Output Low Voltage
ISINK = 5mA
0.4
V
PGOOD Leakage Current
VOUT in regulation, TA = +25NC
1
F
A
*The parametric values (min, typ, max limits) shown in the Electrical Characteristics table supersede values quoted elsewhere in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com