Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16909 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16909 Datasheet HTML 1Page - Maxim Integrated Products MAX16909 Datasheet HTML 2Page - Maxim Integrated Products MAX16909 Datasheet HTML 3Page - Maxim Integrated Products MAX16909 Datasheet HTML 4Page - Maxim Integrated Products MAX16909 Datasheet HTML 5Page - Maxim Integrated Products MAX16909 Datasheet HTML 6Page - Maxim Integrated Products MAX16909 Datasheet HTML 7Page - Maxim Integrated Products MAX16909 Datasheet HTML 8Page - Maxim Integrated Products MAX16909 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
Typical Operating Characteristics
(VSUP = VSUPSW = VEN = 14V, VOUT = 1.8V, R1 = 80.6kΩ, R2 = 100kΩ, TA = +25NC (Figure 4), unless otherwise noted.)
SWITCHING FREQUENCY vs. ILOAD
(1.8V/400kHz)
391
392
393
394
395
396
397
398
399
400
390
ILOAD (A)
2.5
2.0
1.5
1.0
0.5
0
3.0
VIN = 14V
SWITCHING FREQUENCY vs. RFOSC
RFOSC (kI)
100
90
70 80
40 50 60
30
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
110
VIN = 14V
0.01
0.001
0.0001
0
0.1
EFFICIENCY vs. LOAD CURRENT
VIN = 14V
LOAD CURRENT (A)
10
20
30
40
50
60
70
80
90
100
0
1.8V
3.3V
5V
8V
D1: B360B-13-F, DIODES
L1: DRA125-150-R,
COOPER BUSSMANN
EFFICIENCY vs. LOAD CURRENT
VIN = 14V
LOAD CURRENT (A)
0
0.5
1.5
1.0
2.5
2.0
3.0
10
20
30
40
50
60
70
80
90
100
0
DIODE: B360B-13-F FROM DIODES
INDUCTOR: DRA125-150-R,
COOPER BUSSMANN
1.8V
3.3V
5V
8V
MAX16909 toc02
VIN
VOUT
VPGOOD
5V/div
5V/div
1V/div
0V
0V
0V
2ms/div
STARTUP INTO NO LOAD
(1.8V/400kHz)
STARTUP INTO HEAVY LOAD
(1.8V/400kHz)
MAX16909 toc01
VIN
VOUT
ILOAD
VPGOOD
5V/div
5V/div
1V/div
2A/div
0V
0V
0A
0V
2ms/div
0.6I RESISTIVE LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com