Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BFP450 Datasheet HTML 10Page - Infineon Technologies AG BFP450 Datasheet HTML 11Page - Infineon Technologies AG BFP450 Datasheet HTML 12Page - Infineon Technologies AG BFP450 Datasheet HTML 13Page - Infineon Technologies AG BFP450 Datasheet HTML 14Page - Infineon Technologies AG BFP450 Datasheet HTML 15Page - Infineon Technologies AG BFP450 Datasheet HTML 16Page - Infineon Technologies AG BFP450 Datasheet HTML 17Page - Infineon Technologies AG BFP450 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
BFP450
Electrical Characteristics
Data Sheet
14
Revision 1.0, 2010-10-22
Note:
1. AC paramter limits verified by random sampling
2. In order to get the NFmin values stated in this chapter the test fixture losses have been subtracted from all
measured result
3. OIP33 value depends on termination of all intermodulation frequency components. Termination used for this
measurement is 50 Ω from 0.2 MHz to 12 GHz.
Table 10
AC Characteristics,
V
CE = 3 V, f = 2.4 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum power gain
dB
High linearity operation point
G
ma
–13.5
–
I
C =50mA
Class A operation point
G
ma
–13.5
–
I
C =90mA
Transducer gain
dB
Z
S = ZL = 50 Ω
High linearity operation point
S
21
–9.5
–
I
C =50mA
Class A operation point
S
21
–9.5
–
I
C =90mA
Minimum noise figure
dB
Z
S = Zopt
Minimum noise figure
NF
min
–1.8
–
I
C =50mA
Associated gain
G
ass
–12
–
I
C =50mA
Linearity
dBm
Z
S = ZL = 50 Ω
1 dB gain compression point
OP
1dB
–19
–
I
C =90mA
3rd order intercept point
OIP
3
–30
–
I
C =90mA
Table 11
AC Characteristics,
V
CE = 3 V, f = 3.5 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum power gain
dB
High linearity operation point
G
ma
–10
–
I
C =50mA
Class A operation point
G
ma
–10
–
I
C =90mA
Transducer gain
dB
Z
S = ZL = 50 Ω
High linearity operation point
S
21
–5.5
–
I
C =50mA
Class A operation point
S
21
–6–
I
C =90mA
Minimum noise figure
dB
Z
S = Zopt
Minimum noise figure
NF
min
–2.05
–
I
C =50mA
Associated gain
G
ass
–9–
I
C =50mA
Linearity
dBm
Z
S = ZL = 50 Ω
1 dB gain compression point
OP
1dB
–18.5
–
I
C =90mA
3rd order intercept point
OIP
3
–29.5
–
I
C =90mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com