Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button BFP450 Datasheet HTML 11Page - Infineon Technologies AG BFP450 Datasheet HTML 12Page - Infineon Technologies AG BFP450 Datasheet HTML 13Page - Infineon Technologies AG BFP450 Datasheet HTML 14Page - Infineon Technologies AG BFP450 Datasheet HTML 15Page - Infineon Technologies AG BFP450 Datasheet HTML 16Page - Infineon Technologies AG BFP450 Datasheet HTML 17Page - Infineon Technologies AG BFP450 Datasheet HTML 18Page - Infineon Technologies AG BFP450 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
BFP450
Electrical Characteristics
Data Sheet
15
Revision 1.0, 2010-10-22
4.4
Characteristic DC Diagrams
Figure 3
Collector Current vs. Collector Emitter Voltage
I
C = f (VCE), IB = Parameter
Figure 4
DC Current Gain
h
FE = f (IC), VCE = 3 V
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
V
CE
[V]
0.19mA
0.38mA
0.57mA
0.76mA
0.95mA
1.14mA
1.33mA
1.52mA
1.71mA
1.90mA
50
60
70
80
90
100
110
120
0.1
1
10
100
1000
IC [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com