Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button BFP450 Datasheet HTML 19Page - Infineon Technologies AG BFP450 Datasheet HTML 20Page - Infineon Technologies AG BFP450 Datasheet HTML 21Page - Infineon Technologies AG BFP450 Datasheet HTML 22Page - Infineon Technologies AG BFP450 Datasheet HTML 23Page - Infineon Technologies AG BFP450 Datasheet HTML 24Page - Infineon Technologies AG BFP450 Datasheet HTML 25Page - Infineon Technologies AG BFP450 Datasheet HTML 26Page - Infineon Technologies AG BFP450 Datasheet HTML 27Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
BFP450
Electrical Characteristics
Data Sheet
23
Revision 1.0, 2010-10-22
Figure 18
Noise Figure
NF
min = f (IC), VCE = 3 V, ZS = Zopt, f = Parameter in GHz
Figure 19
Noise Figure
NF
50 = f (IC), VCE = 3 V, ZS = 50 Ω, f = Parameter in GHz
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
I
c
[mA]
f = 0.45GHz
f = 0.9GHz
f = 1.9GHz
f = 2.4GHz
0
20
40
60
80
100
0.5
1
1.5
2
2.5
3
3.5
4
4.5
I
c
[mA]
f = 0.45GHz
f = 0.9GHz
f = 1.9GHz
f = 2.4GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com