Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK6103 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK6103 Datasheet HTML 1Page - Sanyo Semicon Device STK6103 Datasheet HTML 2Page - Sanyo Semicon Device STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK6103
No. 4290- 2/11
Electrical Characteristics at Tc=25°C, V
CC1 = 24 V, VCC2 = 5.0 V
Equivalent Circuit
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1 (pin 13)
I
CCO1
CW revolution
12
20
mA
Supply current 2 (pin 13)
I
CCO2
Braking
26
38
mA
Output saturation voltage 1
Vst1
V
CC1 side TR, Io = 3A
0.43
0.56
V
Output saturation voltage 2
Vst2
GND side TR, Io = 3A
0.47
0.62
V
Internal MOSFET diode
V
F
I
F = 3A
0.95
1.5
V
forward voltage
PWM oscillation frequency
f
C
20
25
30
kHz
Current limiter reference voltage
Vref2
0.47
0.50
0.53
V
Position detect input sensitivity
V
H
20
500
mV
Position detect common mode range
CMRH
2.0
4.5
V
Input “L” current 1 (pins 2,3)
I
IL1
V
IL1 = GND
130
200
µA
Input “L” voltage 1 (pins 2,3)
V
IL1
1.0
V
Input “L” current 2 (pin 4)
I
IL2
V
IL2 = GND
570
910
µA
Input “L” voltage 2 (pin 4)
V
IL2
1.0
V
Vref1 “H” voltage
Vref
1H
GND side transistor not in PWM
2.82
3.2
V
Vref1 “L” voltage
Vref
1L
GND side transistor off
0.15
0.35
V
Zener voltage
V
Z
5.7
6.2
6.7
V
FG output current
I
FGH
V
FG = 1.6 V
80
µA
FG output “L” voltage
V
FGL
I
FG = 0.3 mA
0.4
V
FG output pulse width
τ
FG
C
F = 0.1µF, RF = 10 kΩ
0.9
1.0
1.1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com