Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK6103 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK6103 Datasheet HTML 1Page - Sanyo Semicon Device STK6103 Datasheet HTML 2Page - Sanyo Semicon Device STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STK6103
No. 4290- 3/11
Pin Functions
Pin No.
Symbol
Function
1
Vref
1
GND-side driver transistor PWM control pin: range 0.15 to 3.2V
2
START/STOP
“H” = START, “L” = STOP (all transistors off)
3
CW/CCW
“H” = CW, “L” = CCW
4
BRAKE
“H” = rotate, “L” = Only GND-side transistor on
5
FG OUT
Position detect signal: output 6 pulses per cycle
6
TFG
For setting FG OUT “L” level pulse width. R
F and CF pins.
7
H
C–
Motor position detect signal input pin (to Hall device)
8
H
C+
Motor position detect signal input pin (to Hall device)
9
H
b–
Motor position detect signal input pin (to Hall device)
10
H
b+
Motor position detect signal input pin (to Hall device)
11
H
a–
Motor position detect signal input pin (to Hall device)
12
H
a+
Motor position detect signal input pin (to Hall device)
13
V
CC2
Motor controller supply voltage pin
14
GND1
Motor controller IC GND pin: signal ground (SG)
15
GND2
External R
S GND-side connection pin: power ground (PG)
16
Vref
2
Current limiter set pin: 0.1V
CC2 when open
17
V
S
External R
S current limiter detect pin
18, 19
V
RS
External R
S connect pin
20, 21
U
Output pin (to motor winding)
22, 23
V
Output pin (to motor winding)
24, 25
W
Output pin (to motor winding)
26, 27
V
CC1
Supply voltage pin (to motor)
28
VZ
Zener voltage (6.2V typ) for V
CC1 driver transistor date source supply
Input Type
Note 1:
I
OB indicates the operating current waveform peak as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com