Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK6103 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK6103 Datasheet HTML 1Page - Sanyo Semicon Device STK6103 Datasheet HTML 2Page - Sanyo Semicon Device STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK6103
No. 4290- 4/11
Sample Application Circuit
Description of Operation
The DC 3-phase brushless motor generally uses a permanent magnet for the rotor and places the stator coil around it.
When the rotor and stator coil are excited, magnetic force is generated between the poles, which is used for revolution
torque. For efficient revolution it is necessary to know precisely where the rotor pole is in relation to the stator pole. In
the brushless motor Hall devices and Hall ICs are widely used for this purpose, by detecting the electric power generated
along the lines of magnetic force.
(1)
Motor rotating force
The block diagram for this HIC is given in Fig. 2.
The conditions before input of V
CC1, with VCC2 on, are START/STOP pin H level, CW/CCW pin H level, BRAKE
pin H level and Vref
1 pin (speed control input) H level.
The position detect signal at this time, due to the effect of
the rotor magnetic field, will be output signals from 1 or 2 devices (of the 3) so that H
X+>HX– is input to HIC pins 7
to 12. The signals input to pins 7 to 12 are input to the motor controller and converted into signals compatible with
3-phase brushless motor revolution. When V
CC1 is supplied the charge pump circuit activates, generating VCC1
MOSFET gate voltage V
Z.
This outputs excitation current to the motor phase windings as indicated in the timing
chart (Fig. 3), and rotating the motor.
For revolution speed control, the Vref
1 pin voltage is converted and used for PWM drive to increase GND transistor
efficiency, controlling the conduction of motor current Io (Fig. 1). Control of Io means control of power supplied
to the motor, which controls motor rpm. In general motor rpm N is proportional to the PWM on duty (when motor
load is constant). The PWM on duty is proportional to the size of Vref
1 (see Fig. 13), and the relation of N is as
outlined below.
Ν ∝ PWM ON Duty ∝ Vref
1
Fig.1 PWM Drive Principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com