Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2182 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2182
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2182 Datasheet(HTML) 2 Page - Linear Technology

  LTC2182 Datasheet HTML 1Page - Linear Technology LTC2182 Datasheet HTML 2Page - Linear Technology LTC2182 Datasheet HTML 3Page - Linear Technology LTC2182 Datasheet HTML 4Page - Linear Technology LTC2182 Datasheet HTML 5Page - Linear Technology LTC2182 Datasheet HTML 6Page - Linear Technology LTC2182 Datasheet HTML 7Page - Linear Technology LTC2182 Datasheet HTML 8Page - Linear Technology LTC2182 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC2142-12/
LTC2141-12/LTC2140-12
2
21421012p
ABSOLUTE MAXIMUM RATINGS
Supply Voltages (VDD, OVDD)....................... –0.3V to 2V
Analog Input Voltage (AIN+, AIN–,
PAR/SER, SENSE) (Note 3).......... –0.3V to (VDD + 0.2V)
Digital Input Voltage (ENC+, ENC–, CS,
SDI, SCK) (Note 4).................................... –0.3V to 3.9V
SDO (Note 4)............................................. –0.3V to 3.9V
(Notes 1, 2)
PIN CONFIGURATIONS
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTC2142C, LTC2141C, LTC2140C............. 0°C to 70°C
LTC2142I, LTC2141I, LTC2140I ............ –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
FULL RATE CMOS OUTPUT MODE
DOUBLE DATA RATE CMOS OUTPUT MODE
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
VDD 1
VCM1 2
GND 3
AIN1
+ 4
AIN1
– 5
GND 6
REFH 7
REFL 8
REFH 9
REFL 10
PAR/SER 11
AIN2
+ 12
AIN2
– 13
GND 14
VCM2 15
VDD 16
48 D1_1
47 D1_0
46 DNC
45 DNC
44 DNC
43 DNC
42 OVDD
41 OGND
40 CLKOUT+
39 CLKOUT–
38 D2_11
37 D2_10
36 D2_9
35 D2_8
34 D2_7
33 D2_6
65
GND
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
UP PACKAGE
64-LEAD (9mm
9mm) PLASTIC QFN
VDD 1
VCM1 2
GND 3
AIN1
+ 4
AIN1
– 5
GND 6
REFH 7
REFL 8
REFH 9
REFL 10
PAR/SER 11
AIN2
+ 12
AIN2
– 13
GND 14
VCM2 15
VDD 16
48 D1_0_1
47 DNC
46 DNC
45 DNC
44 DNC
43 DNC
42 OVDD
41 OGND
40 CLKOUT+
39 CLKOUT–
38 D2_10_11
37 DNC
36 D2_8_9
35 DNC
34 D2_6_7
33 DNC
65
GND
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
DOUBLE DATA RATE LVDS OUTPUT MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com