Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2182 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2182
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2182 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2182 Datasheet HTML 17Page - Linear Technology LTC2182 Datasheet HTML 18Page - Linear Technology LTC2182 Datasheet HTML 19Page - Linear Technology LTC2182 Datasheet HTML 20Page - Linear Technology LTC2182 Datasheet HTML 21Page - Linear Technology LTC2182 Datasheet HTML 22Page - Linear Technology LTC2182 Datasheet HTML 23Page - Linear Technology LTC2182 Datasheet HTML 24Page - Linear Technology LTC2182 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
21421012p
LTC2142-12/
LTC2141-12/LTC2140-12
APPLICATIONS INFORMATION
VREF
REFH
REFH
SENSE
C1
TIE TO VDD FOR 2V RANGE;
TIE TO GND FOR 1V RANGE;
SENSE FOR
0.625V < VSENSE < 1.300V
1.25V
REFL
REFL
INTERNAL ADC
HIGH REFERENCE
BUFFER
21421012 F08a
LTC2142-12
5Ω
0.8x
DIFF AMP
INTERNAL ADC
LOW REFERENCE
C1: 2.2μF LOW INDUCTANCE
INTERDIGITATED CAPACITOR
TDK CLLE1AX7S0G225M
MURATA LLA219C70G225M
AVX W2L14Z225M
OR EQUIVALENT
1.25V BANDGAP
REFERENCE
0.625V
RANGE
DETECT
AND
CONTROL
2.2μF
C2
0.1μF
C3
0.1μF
+
+
–
–
–
–
+
+
Figure 8a. Reference Circuit
SENSE
1.25V
EXTERNAL
REFERENCE
2.2μF
1μF
VREF
21421012 F09
LTC2142-12
Figure 9. Using an External 1.25V Reference
REFH
REFH
REFL
REFL
21421012 F08b
LTC2142-12
CAPACITORS ARE 0402 PACKAGE SIZE
C3
0.1μF
C1
2.2μF
C2
0.1μF
Figure 8b. Alternative REFH/REFL Bypass Circuit
Figure 8c. Recommended Layout for the REFH/REFL
Bypass Circuit in Figure 8a
Alternatively C1 can be replaced by a standard 2.2μF
capacitor between REFH and REFL (see Figure 8b). The
capacitors should be as close to the pins as possible (not
on the back side of the circuit board).
Figure 8c and Figure 8d show the recommended circuit
board layout for the REFH/REFL bypass capacitors. Note
that in Figure 8c, every pin of the interdigitated capacitor
(C1) is connected since the pins are not internally connected
in some vendors’ capacitors. In Figure 8d the REFH and
Figure 8d. Recommended Layout for the REFH/REFL
Bypass Circuit in Figure 8b
Encode Inputs
The signal quality of the encode inputs strongly affects
the A/D noise performance. The encode inputs should
be treated as analog signals – do not route them next to
digital traces on the circuit board. There are two modes
of operation for the encode inputs: the differential encode
mode (Figure 10), and the single-ended encode mode
(Figure 11).
The differential encode mode is recommended for si-
nusoidal, PECL, or LVDS encode inputs (Figure 12 and
Figure 13). The encode inputs are internally biased to 1.2V
through 10k equivalent resistance. The encode inputs can
be taken above VDD (up to 3.6V), and the common mode
range is from 1.1V to 1.6V. In the differential encode mode,
REFL pins are connected by short jumpers in an internal
layer. To minimize the inductance of these jumpers they
can be placed in a small hole in the GND plane on the
second board layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com