Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2182 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2182
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2182 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2182 Datasheet HTML 2Page - Linear Technology LTC2182 Datasheet HTML 3Page - Linear Technology LTC2182 Datasheet HTML 4Page - Linear Technology LTC2182 Datasheet HTML 5Page - Linear Technology LTC2182 Datasheet HTML 6Page - Linear Technology LTC2182 Datasheet HTML 7Page - Linear Technology LTC2182 Datasheet HTML 8Page - Linear Technology LTC2182 Datasheet HTML 9Page - Linear Technology LTC2182 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC2142-12/
LTC2141-12/LTC2140-12
6
21421012p
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODE INPUTS (ENC+, ENC–)
Differential Encode Mode (ENC– Not Tied to GND)
VID
Differential Input Voltage
(Note 8)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 8)
l
1.1
1.2
1.6
V
V
VIN
Input Voltage Range
ENC+, ENC– to GND
l
0.2
3.6
V
RIN
Input Resistance
(See Figure 10)
10
kΩ
CIN
Input Capacitance
(Note 8)
3.5
pF
Single-Ended Encode Mode (ENC– Tied to GND)
VIH
High Level Input Voltage
VDD = 1.8V
l
1.2
V
VIL
Low Level Input Voltage
VDD = 1.8V
l
0.6
V
VIN
Input Voltage Range
ENC+ to GND
l
0
3.6
V
RIN
Input Resistance
(See Figure 11)
30
kΩ
CIN
Input Capacitance
(Note 8)
3.5
pF
DIGITAL INPUTS (CS, SDI, SCK in Serial or Parallel Programming Mode. SDO in Parallel Programming Mode)
VIH
High Level Input Voltage
VDD = 1.8V
l
1.3
V
VIL
Low Level Input Voltage
VDD = 1.8V
l
0.6
V
IIN
Input Current
VIN = 0V to 3.6V
l
–10
10
μA
CIN
Input Capacitance
(Note 8)
3
pF
SDO OUTPUT (Serial Programming Mode. Open-Drain Output. Requires 2kΩ Pull-Up Resistor if SDO is Used)
ROL
Logic Low Output Resistance to GND
VDD = 1.8V, SDO = 0V
200
Ω
IOH
Logic High Output Leakage Current
SDO = 0V to 3.6V
l
–10
10
μA
COUT
Output Capacitance
(Note 8)
3
pF
DIGITAL DATA OUTPUTS (CMOS MODES: FULL DATA RATE AND DOUBLE DATA RATE)
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –500μA
l
1.750
1.790
V
VOL
Low Level Output Voltage
IO = 500μA
l
0.010
0.050
V
OVDD = 1.5V
VOH
High Level Output Voltage
IO = –500μA
1.488
V
VOL
Low Level Output Voltage
IO = 500μA
0.010
V
OVDD = 1.2V
VOH
High Level Output Voltage
IO = –500μA
1.185
V
VOL
Low Level Output Voltage
IO = 500μA
0.010
V
DIGITAL DATA OUTPUTS (LVDS MODE)
VOD
Differential Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
247
350
175
454
mV
mV
VOS
Common Mode Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
1.125
1.250
1.250
1.375
V
V
RTERM
On-Chip Termination Resistance
Termination Enabled, OVDD = 1.8V
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com