Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 2 Page - Linear Technology

  LTC4263 Datasheet HTML 1Page - Linear Technology LTC4263 Datasheet HTML 2Page - Linear Technology LTC4263 Datasheet HTML 3Page - Linear Technology LTC4263 Datasheet HTML 4Page - Linear Technology LTC4263 Datasheet HTML 5Page - Linear Technology LTC4263 Datasheet HTML 6Page - Linear Technology LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4270/LTC4271
2
42701f
ABSOLUTE MAXIMUM RATINGS LTC4270
Supply Voltages
AGND – VEE ........................................... –0.3V to 80V
VSSK (Note 7) ..................... VEE – 0.3V to VEE + 0.3V
Digital Pins
XIOn ................................. VEE – 0.3V to CAP2 + 0.3V
Analog Pins
SENSEn, GATEn, OUTn ........ VEE – 0.3V to VEE + 80V
CAP2 (Note 13) ....................... VEE –0.3V to VEE + 5V
CPA, CNA, DPA, DNA ..................VEE – 0.3V to VEE + 0.3
(Note 1, Note 4)
Operating Ambient Temperature Range
LTC4270I ............................................. –40°C to 85°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range ......................–65 to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
ABSOLUTE MAXIMUM RATINGS LTC4271
Supply Voltages
VDD – DGND ......................................... –0.3V to 3.6V
Digital Pins
SCL, SDAIN, SDAOUT, INT, RESET, MSD, ADn, AUTO,
MID, GPn ........................DGND – 0.3V to VDD + 0.3V
Operating Ambient Temperature Range
LTC4271I.............................................. –40°C to 85°C
(Note 1)
Analog Pins
CAP1 (Note 13) ...........................–0.3V to DGND + 2V
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range ......................–65 to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
CPD, CND, DPD, DND........... DGND – 0.3 to DGND + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com