Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology LTC4263 Datasheet HTML 28Page - Linear Technology LTC4263 Datasheet HTML 29Page - Linear Technology LTC4263 Datasheet HTML 30Page - Linear Technology LTC4263 Datasheet HTML 31Page - Linear Technology LTC4263 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4270/LTC4271
32
42701f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2011
LT 0411 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC4257-1
IEEE 802.3af PD Interface Controller
Internal 100V, 400mA Switch, Dual Current Limit, Programmable Class
LTC4263
Single IEEE 802.3af PSE Controller
Internal FET Switch
LTC4263-1
High Power Single PoE PSE Controller
With Internal FET Switch
LTC4265
IEEE 802.3at PD Interface Controller
Internal 100V, 1A Switch, 2-Event Classification Recognition
LTC4266
Quad IEEE 802.3at PoE PSE Controller
With Programmable CUT/LIM, 2-Event Classification, and Port Current and Voltage Monitoring
LTC4267
IEEE 802.3af PD Interface With Integrated
Switching Regulator
Internal 100V, 400mA Switch, Dual Inrush Current, Programmable Class
LTC4267-1
IEEE 802.3af PD Interface With Integrated
Switching Regulator
Internal 100V, 400mA Switch, Programmable Class, 200kHz Constant Frequency PWM
LTC4267-3
IEEE 802.3af PD Interface With Integrated
Switching Regulator
Internal 100V, 400mA Switch, Programmable Class, 300kHz Constant Frequency PWM
LTC4269-1
IEEE 802.3af PD Interface With Integrated
Flyback Switching Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller,
50kHz to 250kHz, Aux Support
LTC4269-2
IEEE 802.3af PD Interface With Integrated
Forward Switching Regulator
2-Event Classification, Programmable Class, Synchronous Forward Controller, 100kHz to
500kHz, Aux Support
LTC4272
Single-chip 12-port IEEE 802.3at PoE PSE
Controller
With Programmable CUT/LIM, 2-Event Class, and Port Current and Voltage Monitoring
LTC4278
IEEE 802.3af PD Interface With Integrated
Flyback Switching Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller,
50kHz to 250kHz, 12V Aux Support
LTC4274
Single IEEE 802.3at PoE PSE Controller
With Programmable CUT/LIM, 2-Event Classification, and Port Current and Voltage Monitoring
LTC4311
SMBus/ I2C Accelerator
Improved I2C Rise Time, Ensures Data Integrity
TYPICAL APPLICATION
0.01μF
200V
0.01μF
200V
1
2
3
4
5
6
7
8
RJ45
CONNECTOR
3.3V
–54V
100Ω
100Ω
T2
T3
3.3V
–54V
–54V
ISOLATED
ISOLATED
GND
–54V
100Ω
100Ω
GP0
GP1
MID
RESET
MSD
INT
AUTO
SCL
AD0
AD1
AD2
AD3
AD6
DGND
VEE VSSK
CAP1
CAP2
DND
DPD
CND
CPD
DNA
AGND
DPA
CNA
CPA
OUT12
OUT1
GATE1
SENSE1
GATE12
SENSE12
XIO0
XIO1
42701 F16
SDAIN
SDAOUT
LTC4271
LTC4270
VDD33
1μF
3.3V
0.1μF
1μF
1μF
2nF 2000V
DTSS
1μF
100V
X7R
+
>47μF
SYSTEM
BULK CAP
S1B
1
11
12
2
T1
0.25Ω, 1%
RS
0.22μF
100V
X7R
S1B
FDMC3612
0.01μF
200V
0.01μF
200V
0.01μF
200V
0.01μF
200V
75Ω
75Ω
75Ω
75Ω
1
2
3
4
5
6
7
8
RJ45
CONNECTOR
PHY
(NETWORK
PHYSICAL
LAYER
CHIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com