Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 5 Page - Linear Technology

  LTC4263 Datasheet HTML 1Page - Linear Technology LTC4263 Datasheet HTML 2Page - Linear Technology LTC4263 Datasheet HTML 3Page - Linear Technology LTC4263 Datasheet HTML 4Page - Linear Technology LTC4263 Datasheet HTML 5Page - Linear Technology LTC4263 Datasheet HTML 6Page - Linear Technology LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4270/LTC4271
5
42701f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3 & 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCUT
Overcurrent Sense Voltage
VSENSEn – VEE,
hpen = 0Fh, cutn = D4h
hpen = 0Fh, cutn = E2h (Note 12)
l
l
89
152
94
159
99
168
mV
mV
Overcurrent Sense in AUTO Pin Mode
Class 0, Class 3
Class 1
Class 2
Class 4
l
l
l
l
89
26
49
152
94
28
52
159
99
30
55
168
mV
mV
mV
mV
VLIM
Active Current Limit in 802.3af Compliant Mode
VSENSEn – VEE, hpen = 0Fh, limn = 80h
VEE < VOUT < AGND – 29V
AGND – VOUT = 0V (Note 12)
l
l
102
25
106
112
50
mV
mV
Active Current Limit in High Power Mode
hpen = 0Fh, limn = C0h
VOUT – VEE = 0 – 10V
VEE + 23V < VOUT < AGND – 29V
AGND – VOUT = 0V (Note 12)
l
l
l
204
102
25
212
106
225
115
50
mV
mV
mV
Active Current Limit in AUTO Pin Mode
VEE < VOUT < AGND – 10V
Class 0 to Class 3
Class 4
l
l
102
204
106
212
112
225
mV
mV
VMIN
DC Disconnect Sense Voltage
VSENSE – VEE, rdis Bit = 0
VSENSE – VEE, rdis Bit = 1 (Note 12)
l
l
2.6
1.3
3.8
1.9
4.9
2.45
mV
mV
VSC
Short-Circuit Sense
VSENSEn – VEE – VLIM, rdis Bit = 0
rdis bit = 1 (Note 12)
l
l
125
70
200
100
255
135
mV
mV
Port Current Readback
Resolution
No Missing Codes
12
Bits
LSB Weight
VSENSEn – VEE
30.518
μV/LSB
Conversion Period
25.1
ms/
Convert
Port Voltage Readback
Resolution
No Missing Codes
12
Bits
LSB Weight
VSENSEn – VEE
5.8250
mV/LSB
LTC4270 Die Temperature
Die Temperature Offset
Temperature Register = 00h (Note 7)
–40
°C
Die Temperature LSB Weight
(Note 7)
0.7
°C/LSB
Digital Interface
VILD
Digital Input Low Voltage
(Note 6)
l
0.8
V
VIHD
Digital Input High Voltage
(Note 6)
l
2.2
V
Digital Output Voltage Low
ISDAOUT = 3mA, IINT = 3mA
ISDAOUT = 5mA, IINT = 5mA
l
l
0.4
0.7
V
V
Internal Pull Up to VDD
ADn, RESET, MSD, INT, GPn
l
50
kΩ
Internal Pull Down To DGND
AUTO, MID
l
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com