Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS200
Description  KEELOQ짰 Code Hopping Encoder 32-bit hopping code
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200 Datasheet(HTML) 5 Page - Microchip Technology

  HCS200 Datasheet HTML 1Page - Microchip Technology HCS200 Datasheet HTML 2Page - Microchip Technology HCS200 Datasheet HTML 3Page - Microchip Technology HCS200 Datasheet HTML 4Page - Microchip Technology HCS200 Datasheet HTML 5Page - Microchip Technology HCS200 Datasheet HTML 6Page - Microchip Technology HCS200 Datasheet HTML 7Page - Microchip Technology HCS200 Datasheet HTML 8Page - Microchip Technology HCS200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2011 Microchip Technology Inc.
DS40138D-page 5
HCS200
2.0
ENCODER OPERATION
As shown in Figure 2-1, the HCS200 is a simple device
to use. It requires only the addition of buttons and RF
circuitry for use as the transmitter in your security appli-
cation. A description of each pin is described in
Table 2-1.
FIGURE 2-1:
TYPICAL CIRCUITS
TABLE 2-1:
PIN DESCRIPTIONS
The HCS200 will wake-up upon detecting a button
press and delay approximately 10 ms for button
debounce (Figure 2-2). The synchronization counter,
discrimination value and button information will be
encrypted to form the hopping code. The hopping code
portion will change every transmission, even if the
same button is pushed again. A code word that has
been transmitted will not repeat for more than 64K
transmissions. This provides more than 18 years of use
before a code is repeated; based on 10 operations per
day. Overflow information sent from the encoder can be
used to extend the number of unique transmissions to
more than 192K.
If in the transmit process it is detected that a new but-
ton(s) has been pressed, a RESET will immediately
occur and the current code word will not be completed.
Please note that buttons removed will not have any
effect on the code word unless no buttons remain
pressed; in which case the code word will be completed
and the power-down will occur.
FIGURE 2-2:
ENCODER OPERATION
Note:
When VDD > 9.0V and driving low capaci-
tive loads, a resistor with a minimum value
of 50
Ω should be used in line with VDD.
This prevents clamping of PWM at 9.0V in
the event of PWM overshoot.
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2/Clock pin when in
Programming mode
VSS
5
Ground reference
PWM
6
Pulse Width Modulation (PWM)
output pin/Data pin for Program-
ming mode
VDD
8
Positive supply voltage
B0
Tx out
S0
S1
S2
VDD
PWM
Vss
2 button remote control
B1
Tx out
S0
S1
S2
VDD
PWM
Vss
4 button remote control (Note1)
B3 B2 B1 B0
+12V
R (Note2)
+12V
NC
NC
NC
NC
R (Note 2)
Note
1: Up to 7 functions can be implemented by pressing
more than one button simultaneously or by using a
suitable diode array.
2: Resistor (R) is recommended for current limiting.
Power-Up
RESET and Debounce Delay
(10 ms)
Sample Inputs
Update Sync Info
Encrypt With
Load Transmit Register
Buttons
Added
?
All
Buttons
Released
?
(A button has been pressed)
Transmit
Stop
No
Yes
No
Yes
Crypt Key
Complete Code
Word Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com