Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS200
Description  KEELOQ짰 Code Hopping Encoder 32-bit hopping code
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS200 Datasheet HTML 4Page - Microchip Technology HCS200 Datasheet HTML 5Page - Microchip Technology HCS200 Datasheet HTML 6Page - Microchip Technology HCS200 Datasheet HTML 7Page - Microchip Technology HCS200 Datasheet HTML 8Page - Microchip Technology HCS200 Datasheet HTML 9Page - Microchip Technology HCS200 Datasheet HTML 10Page - Microchip Technology HCS200 Datasheet HTML 11Page - Microchip Technology HCS200 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
HCS200
DS40138D-page 8
© 2011 Microchip Technology Inc.
FIGURE 4-1:
CODE WORD FORMAT
FIGURE 4-2:
CODE WORD ORGANIZATION
FIGURE 4-3:
SYNCHRONOUS TRANSMISSION MODE
FIGURE 4-4:
CODE WORD ORGANIZATION (SYNCHRONOUS TRANSMISSION MODE)
LOGIC ‘0’
LOGIC ‘1’
Bit
Period
Preamble
Header
Encrypted Portion
of Transmission
Fixed Portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
TE
TE
TE
50% Duty Cycle
Fixed
(1-bit)
VLOW
(1-bit)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
Discrimination
bits
(12 bits)
Sync Counter
(16 bits)
Fixed
(1-bit)
VLOW
(1-bit)
Button
Status
1 1 1 1
Serial Number
(28 bits)
SEED
(32 bits)
34 bits of Fixed Portion
32 bits of Encrypted Portion
66 Data bits
Transmitted
LSb first.
LSb
MSb
MSb
LSb
SEED replaces Encrypted Portion when all button inputs are activated at the same time.
“01,10,11”
PWM
S2
S[1:0]
TPS TPH1 TPH2
t = 50 ms
Preamble
Header
Data
Reserved
(16 bits)
Padding
(2 bits)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
Discrimina-
tion bits
(12 bits)
Sync Counter
(16 bits)
82 Data bits
Transmitted
LSb first.
LSb
MSb
Fixed Portion
Encrypted Portion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com