Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200 Datasheet(PDF) 19 Page - Microchip Technology

Part # HCS200
Description  KEELOQ짰 Code Hopping Encoder 32-bit hopping code
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200 Datasheet(HTML) 19 Page - Microchip Technology

Back Button HCS200 Datasheet HTML 15Page - Microchip Technology HCS200 Datasheet HTML 16Page - Microchip Technology HCS200 Datasheet HTML 17Page - Microchip Technology HCS200 Datasheet HTML 18Page - Microchip Technology HCS200 Datasheet HTML 19Page - Microchip Technology HCS200 Datasheet HTML 20Page - Microchip Technology HCS200 Datasheet HTML 21Page - Microchip Technology HCS200 Datasheet HTML 22Page - Microchip Technology HCS200 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2011 Microchip Technology Inc.
DS40138D-page 19
HCS200
9.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VDD Supply voltage ......................................................................................................................................-0.3 to 13.3V
VIN Input voltage ............................................................................................................................................ -0.3 to 13.3
VOUT Output voltage ........................................................................................................................... -0.3 to VDD + 0.3V
IOUT Max output current ......................................................................................................................................... 25 mA
TSTG Storage temperature (Note) .............................................................................................................. -55 to +125°C
TLSOL Lead soldering temp (Note)......................................................................................................................... 300°C
VESD ESD rating .....................................................................................................................................................4000V
TABLE 9-1:
DC CHARACTERISTICS
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other condi-
tions above those indicated in the operation listings of this specification is not implied. Exposure to max-
imum rating conditions for extended periods may affect device reliability.
Commercial(C):Tamb = 0°C to +70°C
Industrial(I):Tamb = -40°C to +85°C
3.5V < VDD < 13.0V
Parameter
Sym.
Min
Typ*
Max
Unit
Conditions
Operating Current (avg)
ICC
0.6
1.5
8.0
1.0
3.0
12.0
mA
VDD = 3.5V
VDD = 6.6V
VDD = 13.0V
Standby Current
ICCS
110
μA
High Level Input Voltage
VIH
0.4 VDD
VDD+
0.3
V
Low Level Input Voltage
VIL
-0.3
0.15 VDD
V
High Level Output Voltage
VOH
0.5 VDD
VIOH = -2.0 mA
Low Level Output Voltage
VOL
0.08 VDD
VIOL = 2.0 mA
Pull-Down Resistance;
S0-S2
RS0-2
40
60
80
K
Ω
VIN = 4.0V
Pull-Down Resistance;
PWM
RPWM
80
120
160
K
Ω
VIN = 4.0V
Note:
Typical values are at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com