Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS361 Datasheet(PDF) 28 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 28 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 24Page - Microchip Technology HCS361 Datasheet HTML 25Page - Microchip Technology HCS361 Datasheet HTML 26Page - Microchip Technology HCS361 Datasheet HTML 27Page - Microchip Technology HCS361 Datasheet HTML 28Page - Microchip Technology HCS361 Datasheet HTML 29Page - Microchip Technology HCS361 Datasheet HTML 30Page - Microchip Technology HCS361 Datasheet HTML 31Page - Microchip Technology HCS361 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
HCS361
DS40146F-page 28
© 2011 Microchip Technology Inc.
FIGURE 9-5:
VPWM FORMAT SUMMARY (MOD = 1)
FIGURE 9-6:
VPWM WAKE-UP FORMAT (MOD=1)
FIGURE 9-7:
VPWM PREAMBLE/HEADER FORMAT (MOD=1)
FIGURE 9-8:
VPWM DATA WORD FORMAT (MOD=1)
WAKE-UP (TXWAK=1)
Preamble Sync Encrypt Fixed
Guard
Dead Time
1st CODE WORD
Preamble Sync Encrypt
33% Duty Cycle Wake-Up sequence 250xTE
TBP
1
84
Dead Time 258xTE
Code Word
Guard
Time
SPM=1
SPM=0
18xTE Preamble
10xTE Header
Encrypted Portion
Fixed Code Portion
TBP
1
6
10
10xTE Sync
Pulse
10
0
1
01
2
3
10 1
1
28 29 30 31
10
0
1
32 33
34
35
10
0
1
56 57
58
59
10
0
1
60 61
62
63
10
64 65
1
66
Encrypted Data
Serial Number
Function Code
VLOW
CRC
Note:
The bit values are only shown as an example.
Bit
TBP
LOGIC 0
LOGIC 1
on Transition Low to High
TBP
LOGIC 0
TBP
LOGIC 1
TE
on Transition High to Low
2XTE
TE
TBP
TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com