Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS361 Datasheet(PDF) 30 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 30 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 26Page - Microchip Technology HCS361 Datasheet HTML 27Page - Microchip Technology HCS361 Datasheet HTML 28Page - Microchip Technology HCS361 Datasheet HTML 29Page - Microchip Technology HCS361 Datasheet HTML 30Page - Microchip Technology HCS361 Datasheet HTML 31Page - Microchip Technology HCS361 Datasheet HTML 32Page - Microchip Technology HCS361 Datasheet HTML 33Page - Microchip Technology HCS361 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
HCS361
DS40146F-page 30
© 2011 Microchip Technology Inc.
TABLE 9-4:
TIMING PARAMETERS: PWM MODE (TXWAK=0)
TABLE 9-5:
TIMING PARAMETERS: PWM MODE (TXWAK=1)
VDD = +2.0 to 6.6V
Commercial (C):Tamb = 0
° C to +70° C
Industrial
(I):Tamb = -40
° C to
+85
° C
Code Words Transmitted
BSEL = 0
BSEL = 1
Symbol
Characteristic
Min
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
260
400
620
130
200
310
μs
TBP
PWM bit pulse width
33
TE
TP
Preamble duration
28
28
TE
TS
Sync Pulse duration
10
10
TE
TH
Header duration
10
10
TE
THOP
Hopping code duration
96
96
TE
TFIX
Fixed code duration
105
105
TE
TG
Guard Time
18
34
TE
Total Transmit Time
267
283
TE
Total Transmit Time
69.4
106.8
165.5
36.7
56.6
87.7
ms
PWM data rate
1282
833
538
2564
1667
1075
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0 to 6.6V
Commercial (C):Tamb = 0
° C to +70° C
Industrial
(I):Tamb = -40
° C to +85° C
Code Words Transmitted
BSEL = 0
BSEL = 1
Symbol
Characteristic
Min
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
130
200
310
65
100
155
μs
TBP
PWM bit pulse width
66
TE
TP
Preamble duration
28
28
TE
TS
Sync Pulse duration
10
10
TE
TH
Header duration
10
10
TE
THOP
Hopping code duration
192
192
TE
TFIX
Fixed code duration
210
210
TE
TG
Guard Time
34
66
TE
Total Transmit Time
484
516
TE
Total Transmit Time
62.9
96.8
150.0
33.5
51.6
79.9
ms
PWM data rate
1282
833
538
2564
1667
1075
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com