Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS361 Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 12Page - Microchip Technology HCS361 Datasheet HTML 13Page - Microchip Technology HCS361 Datasheet HTML 14Page - Microchip Technology HCS361 Datasheet HTML 15Page - Microchip Technology HCS361 Datasheet HTML 16Page - Microchip Technology HCS361 Datasheet HTML 17Page - Microchip Technology HCS361 Datasheet HTML 18Page - Microchip Technology HCS361 Datasheet HTML 19Page - Microchip Technology HCS361 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
HCS361
DS40146F-page 16
© 2011 Microchip Technology Inc.
6.0
PROGRAMMING THE HCS361
When using the HCS361 in a system, the user will have
to program some parameters into the device including
the serial number and the secret key before it can be
used. The programming cycle allows the user to input
all 192 bits in a serial data stream, which are then
stored internally in EEPROM. Programming will be
initiated by forcing the PWM line high, after the S3 line
has been held high for the appropriate length of time.
S0 should be held low during the entire program cycle.
The S1 line on the HCS361 part needs to be set or
cleared depending on the LS bit of the memory map
(Key 0) before the key is clocked in to the HCS361. S1
must remain at this level for the duration of the pro-
gramming cycle. The device can then be programmed
by clocking in 16 bits at a time, followed by the word’s
complement using S3 or S2 as the clock line and PWM
as the data in line. After each 16-bit word is loaded, a
programming delay is required for the internal program
cycle to complete. An Acknowledge bit can be read
back after the programming delay (TWC). After the first
word and its complement have been downloaded, an
automatic bulk write is performed. This delay can take
up to Twc. At the end of the programming cycle, the
device can be verified (Figure 6-1) by reading back the
EEPROM. Reading is done by clocking the S3 line and
reading the data bits on PWM. For security reasons, it
is not possible to execute a Verify function without first
programming the EEPROM. A Verify operation can
only be done once, immediately following the Pro-
gram cycle.
FIGURE 6-1:
Programming Waveforms
FIGURE 6-2:
Verify Waveforms
The VDD pin must be taken to ground after a program/verify cycle.
DATA
Enter Program
Mode
(Data)
(Clock)
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
Bit 16 Bit 17
T1
T2
Repeat for each word
TCLKH
TCLKL
TWC
TDS
S2/S3
Data for Word 0 (KEY_0)
Data for Word 1
TDH
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
S1
Bit 0
Bit 0 of Word0
Note 1: Unused button inputs to be held to ground during the entire programming sequence.
2: The VDD pin must be taken to ground after a Program/Verify cycle.
Acknowledge Pulse
DATA
(Clock)
(Data)
Note: A Verify sequence is performed only once immediately after the Program cycle.
End of Programming Cycle
Beginning of Verify Cycle
Bit 1 Bit 2
Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit190 Bit191
TWC
Data from Word0
TDV
S2/S3
Bit 0
Bit191
Bit190
S1
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com