Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 29 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 29 Page - Microchip Technology

Back Button HCS360_11 Datasheet HTML 25Page - Microchip Technology HCS360_11 Datasheet HTML 26Page - Microchip Technology HCS360_11 Datasheet HTML 27Page - Microchip Technology HCS360_11 Datasheet HTML 28Page - Microchip Technology HCS360_11 Datasheet HTML 29Page - Microchip Technology HCS360_11 Datasheet HTML 30Page - Microchip Technology HCS360_11 Datasheet HTML 31Page - Microchip Technology HCS360_11 Datasheet HTML 32Page - Microchip Technology HCS360_11 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
© 2011 Microchip Technology Inc.
DS40152F-page 29
HCS360
TABLE 9-5:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE
TABLE 9-6:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
° C to +70° C
Industrial (I):Tamb = -40
° C to +85° C
Code Words Transmitted
BSEL1 = 0,
BSEL0 = 0
BSEL1 = 0.
BSEL0 = 1
Symbol
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
520
800
1240
260
400
620
μs
TP
Preamble duration
31
31
TE
TH
Header duration
4
4
TE
TSTART
START bit
2
2
TE
THOP
Hopping code duration
64
64
TE
TFIX
Fixed code duration
70
70
TE
TSTOP
STOP bit
2
2
TE
TG
Guard Time (LNGRD = 0)
9
17
TE
—
Total transmit time
182
190
TE
—
Total transmit time
94.6
145.6
223.7
49.4
76.0
117.8
ms
—
Manchester data rate
1923
1250
806
3846.2
2500
1612.9
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
° C to +70° C
Industrial (I):Tamb = -40
° C to +85° C
Code Words Transmitted
BSEL1 = 1,
BSEL0 = 0
BSEL1 = 1.
BSEL0 = 1
Symbol
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
260
400
620
130
200
310
μs
TP
Preamble duration
32
32
TE
TH
Header duration
44
TE
TSTART
START bit
22
TE
THOP
Hopping code duration
64
64
TE
TFIX
Fixed code duration
70
70
TE
TSTOP
STOP bit
22
TE
TG
Guard Time (LNGRD = 0)
16
32
TE
—
Total transmit time
190
206
TE
—
Total transmit time
49.4
76.0
117.8
26.8
41.2
63.4
ms
—
Manchester data rate
3846.2
2500.0
1612.9
7692.3
5000.0
3225.8
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com