Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS360_11 Datasheet HTML 8Page - Microchip Technology HCS360_11 Datasheet HTML 9Page - Microchip Technology HCS360_11 Datasheet HTML 10Page - Microchip Technology HCS360_11 Datasheet HTML 11Page - Microchip Technology HCS360_11 Datasheet HTML 12Page - Microchip Technology HCS360_11 Datasheet HTML 13Page - Microchip Technology HCS360_11 Datasheet HTML 14Page - Microchip Technology HCS360_11 Datasheet HTML 15Page - Microchip Technology HCS360_11 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
HCS360
DS40152F-page 12
© 2011 Microchip Technology Inc.
4.0
TRANSMITTED WORD
4.1
Transmission Format (PWM)
The HCS360 code word is made up of several parts
(Figure 4-1 and Figure 4-2). Each code word contains
a 50% duty cycle preamble, a header, 32 bits of
encrypted data and 35 bits of fixed data followed by a
guard period before another code word can begin.
Refer to Table 9-3 and Table 9-5 for code word timing.
4.2
Code Word Organization
The HCS360 transmits a 67-bit code word when a but-
ton is pressed. The 67-bit word is constructed from a
Fixed Code portion and an Encrypted Code portion
(Figure 3-1).
The Encrypted Data is generated from 4 function bits,
2 user bits, overflow bit, Independent mode bit, and 8
serial number bits, and the 16-bit synchronization value
(Figure 3-1). The encrypted portion alone provides up
to four billion changing code combinations.
The Fixed Code Data is made up of a VLOW bit, 2 CRC
bits, 4 function bits, and the 28-bit serial number. If the
extended serial number (32 bits) is selected, the 4 func-
tion code bits will not be transmitted. The fixed and
encrypted sections combined increase the number of
code combinations to 7.38 x 1019
FIGURE 4-1:
CODE WORD FORMAT (PWM)
FIGURE 4-2:
CODE WORD FORMAT (MANCHESTER)
LOGIC "1"
Guard
Time
31XTE
Encrypted Portion
Fixed Portion
LOGIC "0"
Preamble
Header
TE
TE
TE
10xTE
1
16
of Transmission
of Transmission
Preamble
50% Duty Cycle
Guard
Preamble
Header
Encrypted Portion
Fixed Portion
1 2
START bit
STOP bit
Time
16
bit 0
bit 1
bit 2
LOGIC "0"
LOGIC "1"
TE
TE
4XTE
31XTE
of Transmission
of Transmission
Preamble
50% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com