Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 1 Page - Microchip Technology

  HCS360_11 Datasheet HTML 1Page - Microchip Technology HCS360_11 Datasheet HTML 2Page - Microchip Technology HCS360_11 Datasheet HTML 3Page - Microchip Technology HCS360_11 Datasheet HTML 4Page - Microchip Technology HCS360_11 Datasheet HTML 5Page - Microchip Technology HCS360_11 Datasheet HTML 6Page - Microchip Technology HCS360_11 Datasheet HTML 7Page - Microchip Technology HCS360_11 Datasheet HTML 8Page - Microchip Technology HCS360_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2011 Microchip Technology Inc.
DS40152F-page 1
HCS360
FEATURES
Security
• Programmable 28/32-bit serial number
• Programmable 64-bit encryption key
• Each transmission is unique
• 67-bit transmission code length
• 32-bit hopping code
• 35-bit fixed code (28/32-bit serial number,
4/0-bit function code, 1-bit status, 2-bit CRC)
• Encryption keys are read protected
Operating
• 2.0-6.6V operation
• Four button inputs
- 15 functions available
• Selectable baud rate
• Automatic code word completion
• Battery low signal transmitted to receiver
• Nonvolatile synchronization data
• PWM and Manchester modulation
Other
• Easy-to-use programming interface
• On-chip EEPROM
• On-chip oscillator and timing components
• Button inputs have internal pull-down resistors
• Current limiting on LED output
• Minimum component count
Enhanced Features Over HCS300
• 48-bit seed vs. 32-bit seed
• 2-bit CRC for error detection
• 28/32-bit serial number select
• Two seed transmission methods
• PWM and Manchester modulation
• IR Modulation mode
Typical Applications
The HCS360 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
DESCRIPTION
The HCS360 is a code hopping encoder designed for
secure Remote Keyless Entry (RKE) systems. The
HCS360 utilizes the KEELOQ® code hopping technol-
ogy, which incorporates high security, a small package
outline and low cost, to make this device a perfect
solution for unidirectional remote keyless entry sys-
tems and access control systems.
PACKAGE TYPES
BLOCK DIAGRAM
The HCS360 combines a 32-bit hopping code
generated by a nonlinear encryption algorithm, with a
28/32-bit serial number and 7/3 status bits to create a
67-bit transmission stream.
1
2
3
4
8
7
6
5
S0
S1
S2
S3
VDD
LED
DATA
VSS
PDIP, SOIC
VSS
VDD
Oscillator
RESET circuit
LED driver
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
DATA
LED
S3 S2 S1 S0
KEELOQ® Code Hopping Encoder


Similar Part No. - HCS360_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360-/P MICROCHIP-HCS360-/P Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360-/SN MICROCHIP-HCS360-/SN Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360-I/P MICROCHIP-HCS360-I/P Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360-I/SN MICROCHIP-HCS360-I/SN Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360-IP MICROCHIP-HCS360-IP Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
More results

Similar Description - HCS360_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com