Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDB30E120 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDB30E120
Description  Fast Switching EmCon Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDB30E120 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDB30E120_07 Datasheet HTML 1Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 2Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 3Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 4Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 5Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 6Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 7Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2007-09-01
Rev.2.2
Page 4
IDB30E120
2 Diode forward current
IF = f(TC)
parameter: Tj≤ 150°C
25
50
75
100
°C
150
TC
0
5
10
15
20
25
30
35
40
45
A
55
1 Power dissipation
Ptot = f (TC)
parameter: Tj ≤ 150°C
25
50
75
100
°C
150
TC
0
10
20
30
40
50
60
70
80
90
100
110
120
W
140
3 Typ. diode forward current
IF = f (VF)
0
0.5
1
1.5
2
V
3
VF
0
10
20
30
40
50
60
70
A
90
-55°C
25°C
100°C
150°C
4 Typ. diode forward voltage
VF = f (Tj)
-60
-20
20
60
100
°C
160
Tj
1.2
1.4
1.6
1.8
2
V
2.4
15A
30A
60A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com