Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDB30E120 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDB30E120
Description  Fast Switching EmCon Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDB30E120 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDB30E120_07 Datasheet HTML 1Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 2Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 3Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 4Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 5Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 6Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 7Page - Infineon Technologies AG IDB30E120_07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2007-09-01
Rev.2.2
Page 5
IDB30E120
5 Typ. reverse recovery time
trr = f (diF/dt)
parameter: VR = 800V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
200
300
400
500
600
700
800
900
ns
1100
60A
30A
15A
6 Typ. reverse recovery charge
Qrr=f(diF/dt)
parameter: VR = 800V, Tj = 125 °C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
2500
3000
3500
4000
4500
5000
5500
nC
6500
15A
30A
60A
7 Typ. reverse recovery current
Irr = f (diF/dt)
parameter: VR = 800V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
5
10
15
20
25
A
35
60A
30A
15A
8 Typ. reverse recovery softness factor
S = f(diF/dt)
parameter: VR = 800V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
4
6
8
10
12
14
18
60A
30A
15A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com