Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5646C Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC5646C
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5646C Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC5646C Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
81
CP2
CC
ADC_1 input pin
capacitance 2
—1
pF
CP3
CC
ADC_1 input pin
capacitance 3
—1.5
pF
RSW1
CC
Internal resistance
of analog source
—1
k
RSW2
CC
Internal resistance
of analog source
—2
k
RAD
CC
Internal resistance
of analog source
—0.3
k
IINJ
SR
Input current
Injection
Current
injection
on one
ADC_1
input,
different
from the
converted
one
VDD = 3.3
V ± 10%
5
—
5
mA
VDD = 5.0
V ± 10%
5
—
5
INLP
CC
Absolute Integral
non-linearity-Preci
se channels
No overload
1
3
LSB
INLX
CC
Absolute Integral
non-linearity-Exten
ded channels
No overload
1.5
5
LSB
DNL
CC
Absolute
Differential
non-linearity
No overload
0.5
1
LSB
OFS
CC
Absolute Offset
error
—2
LSB
GNE
CC
Absolute Gain error —2
LSB
TUEP9
CC
Total Unadjusted
Error for precise
channels, input
only pins
Without current
injection
6
6
With current injection
8
8
TUEX(9)
CC
Total Unadjusted
Error for extended
channel
Without current
injection
10
10
LSB
With current injection
12
12
LSB
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS_HV must be common (to be tied together externally).
Table 43. Conversion characteristics (12-bit ADC_1) (continued)
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com