Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5646C Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5646C
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5646C Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5646C Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
12
Figure 4. 256-pin BGA configuration
3.1
Pad types
In the device the following types of pads are available for system pins and functional port pins:
S = Slow1
M = Medium1, 2
1234
5678
9
10
11
12
13
14
15
16
A
PC[15]
PB[2]
PC[13]
PI[1]
PE[7]
PH[8]
PE[2]
PE[4]
PC[4]
PE[3]
PH[9]
PI[4]
PH[11]
PE[14]
PA[10]
PG[11]
A
B
PH[13]
PC[14]
PC[8]
PC[12]
PI[3]
PE[6]
PH[5]
PE[5]
PC[5]
PC[0]
PC[2]
PH[12]
PG[10]
PA[11]
PA[9]
PA[8]
B
C
PH[14]
VDD_HV_
A
PC[9]
PL[0]
PI[0]
PH[7]
PH[6]
VSS_LV
VDD_HV_
A
PA[5]
PC[3]
PE[15]
PG[14]
PE[12]
PA[7]
PE[13]
C
D
PG[5]
PI[6]
PJ[4]
PB[3]
PK[15]
PI[2]
PH[4]
VDD_LV
PC[1]
PH[10]
PA[6]
PI[5]
PG[15]
PF[14]
PF[15]
PH[2]
D
E
PG[3]
PI[7]
PH[15]
PG[2]
VDD_LV
VSS_LV
PK[10]
PK[9]
PM[1]
PM[0]
PL[15]
PL[14]
PG[0]
PG[1]
PH[0]
VDD_HV_
A
E
F
PA[2]
PG[4]
PA[1]
PE[1]
PL[2]
PM[6]
PL[1]
PK[11]
PM[5]
PL[13]
PL[12]
PM[2]
PH[1]
PH[3]
PG[12]
PG[13]
F
G
PE[8]
PE[0]
PE[10]
PA[0]
PL[3]
VSS_HV
VSS_HV
VSS_HV
VSS_HV
VSS_HV
VSS_HV
PK[12]
VDD_HV_
B
PI[13]
PI[12]
PA[3]
G
H
PE[9]
VDD_HV_
A
PE[11]
PK[1]
PL[4]
VSS_LV
VSS_LV
VSS_HV
VSS_HV
VSS_HV
VSS_HV
PK[13]
VDD_HV_
A
VDD_LV
VSS_LV
PI[11]
H
J
VSS_HV
VRC_CTR
L
VDD_LV
PG[9]
PL[5]
VSS_LV
VSS_LV
VSS_LV
VSS_HV
VSS_HV
VSS_HV
PK[14]
PD[15]
PI[8]
PI[9]
PI[10]
J
K
RESET
VSS_LV
PG[8]
PC[11]
PL[6]
VSS_LV
VSS_LV
VSS_LV
VSS_LV
VDD_LV
VDD_LV
PM[3]
PD[14]
PD[13]
PB[14]
PB[15]
K
L
PC[10]
PG[7]
PB[0]
PK[2]
PL[7]
VSS_LV
VSS_LV
VSS_LV
VSS_LV
VDD_LV
VDD_LV
PM[4]
PD[12]
PB[12]
PB[13]
VDD_HV_
ADC1
L
M
PG[6]
PB[1]
PK[4]
PF[9]
PK[5]
PK[6]
PK[7]
PK[8]
PL[8]
PL[9]
PL[10]
PL[11]
PB[11]
PD[10]
PD[11]
VSS_HV_
ADC1
M
N
PK[3]
PF[8]
PC[6]
PC[7]
PJ[13]
VDD_HV_
A
PB[10]
PF[6]
VDD_HV_
A
PJ[1]
PD[2]
PJ[5]
PB[5]
PB[6]
PJ[6]
PD[9]
N
P
PF[12]
PF[10]
PF[13]
PA[14]
PJ[9]
PA[12]
PF[0]
PF[5]
PF[7]
PJ[3]
PI[15]
PD[4]
PD[7]
PD[8]
PJ[8]
PJ[7]
P
R
PF[11]
PA[15]
PJ[11]
PJ[15]
PA[13]
PF[2]
PF[3]
PF[4]
VDD_LV
PJ[2]
PJ[0]
PD[0]
PD[3]
PD[6]
VDD_HV_
ADC0
PB[7]
R
T
PJ[12]
PA[4]
PK[0]
PJ[14]
PJ[10]
PF[1]
XTAL
EXTAL
VSS_LV
PB[9]
PB[8]
PI[14]
PD[1]
PD[5]
VSS_HV_
ADC0
PB[4]
T
1234
5678
9
10
11
12
13
14
15
16
Notes:
1) VDD_HV_B supplies the IO voltage domain for the pins PE[12], PA[11], PA[10], PA[9], PA[8], PA[7], PE[13], PF[14], PF[15], PG[0],
PG[1], PH[3], PH[2], PH[1], PH[0], PG[12], PG[13], and PA[3].
2)Availability of port pin alternate functions depends on product selection.
1. See the I/O pad electrical characteristics in the device data sheet for details.
2. All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium. For example,
Fast/Medium pad will be Medium by default at reset. Similarly, Slow/Medium pad will be Slow by default. Only exception is PC[1]
which is in medium configuration by default (refer to PCR.SRC in the reference manual, Pad Configuration Registers
(PCR0—PCR198)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com