Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5646C Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC5646C
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5646C Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC5646C Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5646C Datasheet HTML 114Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
112
3
TBD
• Replaced VIL min from –0.4 V to –0.3 V in the following tables:
- I/O input DC electrical characteristics
- Reset electrical characteristics
- Fast external crystal oscillator (4 to 40 MHz) electrical characteristics
• Updated Crystal oscillator and resonator connection scheme figure
• Specified NPN transistor as the recommended BCP68 transistor throughout the
document
• Code and Data flash memory—Program and erase specifications tables:
Renamed the parameter tESUS to Teslat
• Revised the footnotes in the “Functional port pin descriptions” table.
• In the “System pin descriptions” table, added a footnote to the A pads regarding
not using IBE.
For ports PB[12–15], changed ANX to ADC0_X.
• Revised the presentation of the ADC functions on the following ports:
PB[4–7]
PD[0–11]
• ADC conversion characteristics (10-bit ADC_0) table and Conversion
characteristics (12-bit ADC_1) table- Updated footnote 5 and 7 respectively for the
definition of the conversion time.
• Data flash memory—Program and erase specifications: Updated Twprogram to 500
µs and T16Kpperase to 500 µs. Corrected Teslat classsification from “C” to “D”.
• Code flash memory—Program and erase specifications: Corrected Teslat
classification from “C” to “D”.
• Flash Start-up time/Switch-off time: Changed TFLARSTEXIT classification from “C”
to “D”.
• Functional port pin description: Added a footnote at the PB [9] port pin.
• Absolute maximum ratings table: Added footnote 1.
• Low voltage power domain electrical characteristics table: Updated IDDHALT,
IDDSTOP, IDDSTBY3, IDDSTDBY2, IDDSTDBY1.
• Slow external crystal oscillator (32 kHz) electrical characteristics table: Updated
gmSXOSC, VSXOSC, ISXOSCBIAS and ISXOSC.
• FMPLL electrical characteristics table: Updated
t
LTJIT.
• Fast internal RC oscillator (16 MHz) electrical characteristics table: Updated
TFIRCSU and IFIRCPWD.
• MII serial management channel timing table: Updated M12
• JTAG characteristics table: Updated tTDOV.
• Low voltage monitor electrical characteristics table: Updated VLVDHV3H,
VLVDHV3L, VLVDHV5H, VLVDHV5L.
• DSPI electricals table: Updated spec 1, 5, 6. Updated footnote 2 and 3. Added
t
CSC, tASC, tSUSS, tHSS.
• IO consumption table: Updated all parameter values.
• DSPI electricals: Updated
t
CSC max to 115 ns.
• Low voltage power domain electrical characteristics table: Added footnote 9.
• ADC electrical characteristics: Added 2 notes above 10-bit and 12-bit conversion
tables.
Table 52. Revision history (continued)
Revision
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com