Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644B Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5644B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644B Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5644B Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
78
tADC0_S CC T Sample time
4
fADC = 32 MHz
0.125
—
µs
fADC = 30 MHz
0.150
tADC0_C CC P Conversion time
5,6
fADC = 32 MHz
0.625
—
µs
fADC = 30 MHz
0.700
—
CS
CC
D ADC_0 input
sampling
capacitance
——
—
3
pF
CP1
CC
D ADC_0 input pin
capacitance 1
——
—
3
pF
CP2
CC
D ADC_0 input pin
capacitance 2
——
—
1
pF
CP3
CC
D ADC_0 input pin
capacitance 3
——
—
1
pF
RSW1
CC
D Internal resistance of
analog source
——
—
3
k
RSW2
CC
D Internal resistance of
analog source
—
—
—
2
k
RAD
CC
D Internal resistance of
analog source
——
—
2
k
IINJ
SR — Input current Injection Current
injection on
one ADC_0
input, different
from the
converted one
VDD =
3.3 V ± 10%
5—
5
mA
VDD =
5.0 V ± 10%
5
—
5
| INL |
CC
T Absolute value for
integral non-linearity
No overload
—
0.5
1.5
LSB
| DNL |
CC
T Absolute differential
non-linearity
No overload
—
0.5
1.0
LSB
| OFS |
CC
T Absolute offset error
—
—
0.5
—
LSB
| GNE |
CC
T Absolute gain error
——
0.6
—
LSB
TUEP
CC
P Total unadjusted
error7 for precise
channels, input only
pins
Without current injection
2
0.6
2
LSB
T
With current injection
3
3
TUEX
CC
T Total unadjusted
error(7) for extended
channel
Without current injection
3
1
3
LSB
T
With current injection
4
4
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS_HV must be common (to be tied together externally).
Table 42. ADC conversion characteristics (10-bit ADC_0) (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com