Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644B Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC5644B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644B Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC5644B Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
86
4.19
On-chip peripherals
4.19.1
Current consumption
Table 48. On-chip peripherals current consumption1
Symbol
C
Parameter
Conditions
Value2
Unit
Min
Typ
Max
IDD_HV_A(CAN)
CC
D CAN
(FlexCAN)
supply
current on
VDD_HV_A
500
Kbps
Total (static +
dynamic)
consumption:
FlexCAN in
loop-back mode
XTAL@8 MHz used
as CAN engine clock
source
Message sending
period is 580 µs
7.652 fperiph + 84.73
µA
125
Kbps
8.0743 fperiph + 26.757
IDD_HV_A(eMIOS) CC D eMIOS
supply
current on
VDD_HV_A
Static consumption:
eMIOS channel OFF
Global prescaler enabled
28.7 fperiph
Dynamic consumption:
It does not change varying the
frequency (0.003 mA)
3
IDD_HV_A(SCI)
CC
D SCI (LINFlex)
supply
current on
VDD_HV_A
Total (static + dynamic)
consumption:
LIN mode
Baudrate: 20 Kbps
4.7804 fperiph + 30.946
IDD_HV_A(SPI)
CC
D SPI (DSPI)
supply
current on
VDD_HV_A
Ballast static consumption
(only clocked)
1
Ballast dynamic consumption
(continuous communication):
Baudrate: 2 Mbit
Trasmission every 8 µs
Frame: 16 bits
16.3 fperiph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com